công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS1678 bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện IS1678
Giải thích chi tiết về linh kiện  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 19Page - Microchip Technology IS1678 Datasheet HTML 20Page - Microchip Technology IS1678 Datasheet HTML 21Page - Microchip Technology IS1678 Datasheet HTML 22Page - Microchip Technology IS1678 Datasheet HTML 23Page - Microchip Technology IS1678 Datasheet HTML 24Page - Microchip Technology IS1678 Datasheet HTML 25Page - Microchip Technology IS1678 Datasheet HTML 26Page - Microchip Technology IS1678 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 23
IS1678
3.3.2
STAND-BY MODE
• SPP (BR/EDR)
- Enable the Inquiry Scan and Page Scan in
this mode
- Configurable to be discoverable
- Ready to be paired
• Bluetooth Low Energy (BLE)
- Enable the Undirected Advertising in this
mode
- Ready to be paired
3.3.3
LINK-BACK MODE
• SPP (BR/EDR)
- Enable page procedure to establish dedi-
cated or last connected Bluetooth SPP link
- Configurable to be invisible situation
•BLE
- No BLE link-back behavior because of iOS
limitation
- Configurable to be invisible situation
- Ready to be paired
3.3.4
CONNECTED MODE
• SPP (BR/EDR)
- Use SPP or iAP protocol to exchange the
application data
- Connection Establish status: SPP Connected
mode
•BLE
- Use GATT protocol to exchange the applica-
tion data
- Connection establish status: BLE Connected
mode
3.3.5
DEEP-SLEEP MODE
• Auto Pattern
- Enter into Deep-sleep mode automatically
- Wake-up trigger: WAKE_UP pin
• Manual Pattern
- Enter into Deep-sleep mode by MCU com-
mand assign
- Wake-up trigger: WAKE_UP pin or
UART_RX_Ind pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54