công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9115 bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện LAN9115
Giải thích chi tiết về linh kiện  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 21Page - Microchip Technology LAN9115 Datasheet HTML 22Page - Microchip Technology LAN9115 Datasheet HTML 23Page - Microchip Technology LAN9115 Datasheet HTML 24Page - Microchip Technology LAN9115 Datasheet HTML 25Page - Microchip Technology LAN9115 Datasheet HTML 26Page - Microchip Technology LAN9115 Datasheet HTML 27Page - Microchip Technology LAN9115 Datasheet HTML 28Page - Microchip Technology LAN9115 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 25
LAN9115
If an operation is attempted, and an EEPROM device does not respond within 30mS, the LAN9115 will timeout, and the
EPC timeout bit (EPC_TO) in the E2P_CMD register will be set.
Figure 3-3, "EEPROM Access Flow Diagram" illustrates the host accesses required to perform an EEPROM Read or
Write operation.
The host can disable the EEPROM interface through the GPIO_CFG register. When the interface is disabled, the EEDIO
and ECLK signals can be used as general-purpose outputs, or they may be used to monitor internal MII signals.
3.9.2.1
Supported EEPROM Operations
The EEPROM controller supports the following EEPROM operations under host control via the E2P_CMD register. The
operations are commonly supported by “93C46” EEPROM devices. A description and functional timing diagram is pro-
vided below for each operation. Please refer to the E2P_CMD register description in Section 5.3.23, "E2P_CMD –
EEPROM Command Register," on page 77 for E2P_CMD field settings for each command.
Note:
The EEPROM device powers-up in the erase/write disabled state. To modify the contents of the EEPROM
the host must first issue the EWEN command.
FIGURE 3-3:
EEPROM ACCESS FLOW DIAGRAM
Idle
Write Data
Regis ter
Write
Command
Regis ter
Read
Command
Regis ter
Bus y Bit = 0
Idle
Write
Command
Regis ter
Read
Command
Regis ter
Read Data
Regis ter
Busy Bit = 0
EEPRO M W rite
EEPRO M Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com