| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL31E8X bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL31E8X bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 133 page ![]() Pin description STM8AL31E8x STM8AL3LE8x 34/133 DocID027180 Rev 5 58 46 - PD5/TIM1_CH3 /LCD_SEG19(3)/ ADC1_IN9/ COMP1_INP I/O FT(5) X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/Comparator 1 positive input -- 34 PD5/TIM1_CH3 /LCD_SEG19(3)/ ADC1_IN9/SPI2_MOSI/ COMP1_INP I/O FT(5) X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ SPI2 master out/slave in/Comparator 1 positive input 59 47 PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ COMP1_INP/VREFINT I/O FT(5) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/Comparator 1 positive input/Internal reference voltage output -- 35 PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ SPI2_SCK/COMP1_INP/ VREFINT I/O FT(5) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/SPI2 clock/Comparator 1 positive input/Internal reference voltage output 60 48 - PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM/ COMP1_INP/VREFINT I/O FT(5) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm/Comparator 1 positive input/Internal reference voltage output -- 36 PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM/ SPI2_NSS/COMP1_INP/V REFINT I/O FT(5) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm /SPI2 master/slave select/Comparator 1 positive input/Internal reference voltage output 61 49 - PG4/LCD_SEG32/ SPI2_NSS I/O FT(5) X XX HS X X Port G4 LCD segment 32 / SPI2 master/slave select 62 50 - PG5/LCD_SEG33/ SPI2_SCK I/O FT(5) X XX HS X X Port G5 LCD segment 33 / SPI2 clock 63 51 - PG6/LCD_SEG34/ SPI2_MOSI I/O FT(5) X XX HS X X Port G6 LCD segment 34 / SPI2 master out- slave in Table 5. High-density STM8AL3xE8x pin description (continued) Pin number Pin name Input Output Default alternate function |