| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL31E8X bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL31E8X bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 133 page ![]() DocID027180 Rev 5 33/133 STM8AL31E8x STM8AL3LE8x Pin description 61 73 61 45 PC6/OSC32_OUT/ [SPI1_SCK](2)/ [USART1_RX](2) I/O FT(5) X XX HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] 74 62 - PC7/LCD_SEG25(3)/ ADC1_IN3/COMP2_INM/ COMP1_INP I/O FT(5) X XX HS X X Port C7 LCD segment 25 /ADC1_IN3/ Comparator negative input / Comparator 1 positive input -- 46 PC7/LCD_SEG25(3)/ ADC1_IN3/USART3_CK/ COMP2_INM/ COMP1_INP I/O FT(5) X XX HS X X Port C7 LCD segment 25 /ADC1_IN3/ USART3 synchronous clock/ Comparator 2 negative input / Comparator 1 positive input 29 25 20 PD0/TIM3_CH2/ [ADC1_TRIG](2)/ LCD_SEG7(3)/ ADC1_IN22/COMP2_INP I/O FT(5) X XX HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / LCD segment 7 / ADC1_IN22 / Comparator 2 positive input 2 30 26 21 PD1/TIM3_ETR/ LCD_COM3(3)/ ADC1_IN21/COMP1_INP/ COMP2_INP I/O FT(5) X XX HS X X Port D1 Timer 3 - trigger / LCD_COM3 / ADC1_IN21 / comparator 1 positive input/ comparator 2 positive input 31 27 22 PD2/TIM1_CH1 /LCD_SEG8(3)/ ADC1_IN20/COMP1_INP I/O FT(5) X XX HS X X Port D2 Timer 1 - channel 1 / LCD segment 8 / ADC1_IN20/Comparator 1 positive input 32 28 23 PD3/ TIM1_ETR/ LCD_SEG9(3)/ ADC1_IN19/ COMP1_INP I/O FT(5) X XX HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19/Comparator 1 positive input 57 45 - PD4/TIM1_CH2 /LCD_SEG18(3)/ ADC1_IN10/ COMP1_INP I/O FT(5) X XX HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/Comparator 1 positive input -- 33 PD4/TIM1_CH2 /LCD_SEG18(3)/ ADC1_IN10/SPI2_MISO/ COMP1_INP I/O FT(5) X XX HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/SPI2 master in/slave out/Comparator 1 positive input Table 5. High-density STM8AL3xE8x pin description (continued) Pin number Pin name Input Output Default alternate function |