| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL31E8X bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL31E8X bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 133 page ![]() Pin description STM8AL31E8x STM8AL3LE8x 32/133 DocID027180 Rev 5 45 37 - PB6/SPI1_MOSI/ LCD_SEG16(3)/ ADC1_IN12/COMP1_INP I/O FT(5) X XX HS X X Port B6 SPI1 master out/slave in/ LCD segment 16 / ADC1_IN12/Comparator 1 positive input -- 30 PB6/SPI1_MOSI/ LCD_SEG16(3)/ ADC1_IN12/DAC_OUT2/ COMP1_INP I/O FT(5) X XX HS X X Port B6 SPI1 master out/ slave in / LCD segment 16 / ADC1_IN12 / DAC channel 2 output/Comparator 1 positive input 46 38 31 PB7/SPI1_MISO/ LCD_SEG17(3)/ ADC1_IN11/COMP1_INP I/O FT(5) X XX HS X X Port B7 SPI1 master in- slave out/ LCD segment 17 / ADC1_IN11/Comparator 1 positive input 65 53 37 PC0/I2C1_SDA I/O FT(5) X XT(6) - Port C0 I2C1 data 66 54 38 PC1/I2C1_SCL I/O FT(5) X XT(6) - Port C1 I2C1 clock 69 57 41 PC2/USART1_RX/ LCD_SEG22/ADC1_IN6/ COMP1_INP/VREFINT I/O FT(5) X XX HS X X Port C2 USART1 receive / LCD segment 22 / ADC1_IN6/Comparator 1 positive input/Internal reference voltage output -- 42 PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5 I/O FT(5) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 70 58 - PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5/COMP2_INM/ COMP1_INP I/O FT(5) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 / Comparator 2 negative input /Comparator 1 input positive 71 59 43 PC4/USART1_CK/ I2C1_SMB/CCO/ LCD_SEG24(3)/ ADC1_IN4/COMP2_INM/ COMP1_INP I/O FT(5) X XX HS X X Port C4 USART1 synchronous clock / I2C1_SMB / Configurable clock output / LCD segment 24 / ADC1_IN4 / Comparator 2 negative input / Comparator 1 positive input 72 60 44 PC5/OSC32_IN /[SPI1_NSS](2)/ [USART1_TX](2) I/O FT(5) X XX HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] Table 5. High-density STM8AL3xE8x pin description (continued) Pin number Pin name Input Output Default alternate function |