| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT9072AB bảng dữ liệu(PDF) 261 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB bảng dữ liệu(HTML) 261 Page - Zarlink Semiconductor Inc |
|
261 / 275 page ![]() MT9072 Data Sheet 261 Zarlink Semiconductor Inc. Figure 59 - Transmit Multiframe (CRC-4 or CAS) Timing Figure 60 - Transmit Multiframe (CRC-4 or CAS) Functional Timing AC Electrical Characteristics - Transmit Multiframe (CRC-4 or CAS) Timing Characteristics Sym. Min. Typ. Max. Units Test Conditions 1 Transmit Multiframe Setup tMS 50 ns Frame N Bit 7 Timeslot 0 Frame 0 VT VT tMS VT FPi (ST-BUS F0i or F16i) CKi (ST-BUS C4i or C16i) ST-BUS Bit Cells 2 Mb/s or 8 Mb/s TxMF (Input) Frame 0 Frame N Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 2 FPi (ST-BUS F0i or F16i) CKi (ST-BUS C4i or C16i) ST-BUS Bit Cells 2 Mb/s or 8 Mb/s TxMF (Input) Internal (ST-BUS C2) |