công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92185B bảng dữ liệu(PDF) 90 Page - STMicroelectronics

tên linh kiện ST92185B
Giải thích chi tiết về linh kiện  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B bảng dữ liệu(HTML) 90 Page - STMicroelectronics

Back Button ST92185B Datasheet HTML 86Page - STMicroelectronics ST92185B Datasheet HTML 87Page - STMicroelectronics ST92185B Datasheet HTML 88Page - STMicroelectronics ST92185B Datasheet HTML 89Page - STMicroelectronics ST92185B Datasheet HTML 90Page - STMicroelectronics ST92185B Datasheet HTML 91Page - STMicroelectronics ST92185B Datasheet HTML 92Page - STMicroelectronics ST92185B Datasheet HTML 93Page - STMicroelectronics ST92185B Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 178 page
background image
90/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Figure 49. Display Block Diagram
Full Screen
Def. Backg
Def. Foreg
Cur. Backg
Shift Register (10b)
Parallel Attributes
Character Code
Cur. Foreg
Attributes Decoding
RAM INTERFACE
Pixel Control
R
G
B
Line Counter
Row Counter
Pixel Counter
Char Counter
VPOS
HPOS
Char Cursor
Row Cursor
Comp 10/20
Comp 10/20
Gen RAM Add
Gen ROM Add
ROM
MOSAIC
PLA
Comp VPOS
Comp HPOS
Fast Blanking
FB
Gen PLA Cmd
TRB
mux
mux
L1/L1+
L1/L1+
RAM INTERFACE
PIXEL
CURSOR
CONTROL
SCROLLING
CONTROL
RAM @
Scroll 1 Row
Scroll N Row
Mode Ctrl
Char Decoding
CONTROL
ST9 Access
On Hsync
On Ckpix
Serial/Parallel Attributes
VR02112E
TSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More