công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB7320 bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB7320
Giải thích chi tiết về linh kiện  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 76Page - Texas Instruments TUSB7320 Datasheet HTML 77Page - Texas Instruments TUSB7320 Datasheet HTML 78Page - Texas Instruments TUSB7320 Datasheet HTML 79Page - Texas Instruments TUSB7320 Datasheet HTML 80Page - Texas Instruments TUSB7320 Datasheet HTML 81Page - Texas Instruments TUSB7320 Datasheet HTML 82Page - Texas Instruments TUSB7320 Datasheet HTML 83Page - Texas Instruments TUSB7320 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Table 162. Port Status and Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
26
WDE(1)
rw
Wake on Disconnect Enable.
25
WCE(1)
rw
Wake on Connect Enable.
24
RSVD
r
Reserved. Return zero when read.
Port Config Error Change. This field is only valid for USB 3.0 protocol
23
CEC(1)
rc or r
ports. For USB 2.0 protocol ports, this bit is reserved.
22
PLC(1)
rc
Port Link State Change.
21
PRC(1)
rc
Port Reset Change.
20
OCC(1)
rc
Overcurrent Change.
Warm Port Reset Change. This field is only valid for USB 3.0 protocol
19
WRC(1)
rc or r
ports. For USB 2.0 protocol ports, this bit is reserved.
18
PEC(1)
rc
Port Enabled/Disabled Change.
17
CSC(1)
rc
Connect Status Change.
16
LWS
w
Port Link State Write Strobe. This bit returns a zero when read.
Port Indicator Control. Because the TUSB73X0 does not support port
15:14
PIC(1)
rw
indicators, this field has no effect.
13:10
PORT_SPEED(1)
r
Port Speed
9
PP(1)
rw
Port Power.
8:5
PLS(1)
rw
Port Link State
4
PR(1)
rs
Port Reset.
3
OCA
r
Overcurrent Active.
2
RSVD
r
Reserved. Returns zero when read.
1
PED(1)
rc
Port Enabled/Disabled.
0
CCS(1)
r
Current Connect Status.
7.5.3.3.10
Port PM Status and Control Register (USB 3.0 Ports)
The TUSB73X0 implements a Port PM Status and Control Register for each port that is implemented. The
number of Port PM Status and Control Registers is the same as the value in the MAX_PORTS field in the Host
Controller Structural Parameters 1 Register (see Host Controller Structural Parameters 1).
Operational Base register offset: 404h + (10h × (n-1))), where n = Port Number
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 163. HC Operational Register (Operational Base + 404h + (10h × (n-1))), where n = Port Number
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 164. Port PM Status and Control Register (USB 3.0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:17
RSVD
r
Reserved. Returns zeros when read.
16
FLA
rw
Force Link PM Accept.
15:8
U2_TIMEOUT(1)
rw
U2 Timeout.
(1)
This bit is a sticky bit and is reset by a global reset (GRST) or the internally-generated poweron reset.
80
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com