công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ76PL455APFCT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ76PL455APFCT
Giải thích chi tiết về linh kiện  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 5Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 6Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 7Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 8Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 10Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 11Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 12Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
9
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Time measured from VP falling below threshold until the part enters SHUTDOWN, or from the part attempting to exit SHUTDOWN
(wakeup) until re-entering SHUTDOWN.
6.6 VP 5.3-V Supply Regulation Voltage
Characteristics stated using NPN transistor in circuit rated at BVCEO > 100V, β ≥ 100 at 5 mA, Base-Collector C ≤ 35 pF,
ICOLLECTOR > 100 mA, RCOLLECTOR = 400 Ω.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPVR
Regulated Voltage
5.1
5.3
5.5
V
INPNB
External NPN base drive current
0.5
mA
VPSD_DLY
VP/VDIG delay before SHUTDOWN(1)
30
75
160
ms
(1)
Internal node only, no external access. This parameter is for internal measurement and verification purposes only.
6.7 VDD18 1.8-V Internal Digital Supply
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD18VO
VDD18 Output voltage(1)
As measured by internal ADC
1.7
1.8
1.9
V
(1)
VDIG internally connected to V5VAO in IDLE mode.
6.8 V5VAO Analog Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V5VAOSD
Output Voltage
Power state: SHUTDOWN,
VP = VDIG = VIO = 0 V
4
4.7
5.3
V
V5VAOIDLE
Output Voltage
Power state: IDLE(1), unloaded
VDIG – 0.5
VDIG
V
6.9 VM –5-V Integrated Charge Pump
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VMVM_ON
VM Output Voltage
–5.5
–5
–4.5
V
fCP
Charge pump switching frequency
375
kHz
VMTRIP
VM low-voltage monitor trip point
–3.8
V
VMVO
Measured value read back from ADC VM
monitor
–5.56
–5
–4.54
V
6.10 Analog-to-Digital Converter (ADC): Analog Front End
All ADC specifications stated are for the sampling intervals and register settings shown in Table 3. A 390-pF capacitor is on
pin OUT1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT1RANGE
Pin OUT1 Analog Front End / Level
Shifter output voltage range
0
VP
V
ROUT_PIN
OUT1 pin internal series resistance
1
1.2
1.35
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com