| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7181BBCPZ bảng dữ liệu(PDF) 71 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7181BBCPZ bảng dữ liệu(HTML) 71 Page - Analog Devices |
|
71 / 96 page ![]() ADV7181B Rev. 0 | Page 71 of 96 Table 84. Common and Normal (Page 1) Register Map Details Bits Subaddress Register Bit Description 7 6 5 4 3 210 Comments Notes 0 0 0 0 Composite 0 0 0 1 Reserved 0 0 1 0 Reserved 0 0 1 1 Reserved 0 1 0 0 Reserved 0 1 0 1 Reserved 0 1 1 0 S-Video 0 1 1 1 Reserved 1 0 0 0 Reserved 1 0 0 1 YPrPb 1 0 1 0 Reserved 1 0 1 1 Reserved 1 1 0 0 Reserved 1 1 0 1 Reserved 1 1 1 0 Reserved INSEL [3:0]. The INSEL bits allow the user to select an input channel as well as the input format. 1 1 1 1 Reserved 0 0 0 0 Autodetect PAL (BGHID), NTSC (without pedestal), SECAM 0 0 0 1 Autodetect PAL (BGHID), NTSC (M) (with pedestal), SECAM 0 0 1 0 Autodetect PAL (N), NTSC (M) (without pedestal), SECAM 0 0 1 1 Autodetect PAL (N), NTSC (M) (with pedestal), SECAM 0 1 0 0 NTSC(J) 0 1 0 1 NTSC(M) 01 1 0 PAL 60 0 1 1 1 NTSC 4.43 10 0 0 PAL BGHID 1 0 0 1 PAL N (BGHID without pedestal) 1 0 1 0 PAL M (without pedestal) 10 1 1 PAL M 11 0 0 PAL combination N 11 0 1 PAL combination N 1 1 1 0 SECAM (with pedestal) 0x00 Input Control VID_SEL [3:0]. The VID_SEL bits allow the user to select the input video standard. 1 1 1 1 SECAM (with pedestal) Reserved 0 0 0 Set to default 0 Disable VSync processor ENVSPROC 1 Enable VSync processor Reserved 0 Set to default 0 Standard video input BETACAM 1 Betacam input enable 0 Disable HSync processor ENHSPL 1 Enable HSync processor 0x01 Video Selection Reserved 1 Set to default |