công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7181BBCPZ bảng dữ liệu(PDF) 56 Page - Analog Devices

tên linh kiện ADV7181BBCPZ
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ bảng dữ liệu(HTML) 56 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 52Page - Analog Devices ADV7181BBCPZ Datasheet HTML 53Page - Analog Devices ADV7181BBCPZ Datasheet HTML 54Page - Analog Devices ADV7181BBCPZ Datasheet HTML 55Page - Analog Devices ADV7181BBCPZ Datasheet HTML 56Page - Analog Devices ADV7181BBCPZ Datasheet HTML 57Page - Analog Devices ADV7181BBCPZ Datasheet HTML 58Page - Analog Devices ADV7181BBCPZ Datasheet HTML 59Page - Analog Devices ADV7181BBCPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
ADV7181B
Rev. 0 | Page 56 of 96
Table 73. PAL Line Enable Bits and
Corresponding Line Numbering
line[3:0]
Line Number
(ITU-R BT.470)
Enable Bit
Comment
12
8
GDECOL[0]
Not valid
13
9
GDECOL[1]
Not valid
14
10
GDECOL[2]
Not valid
15
11
GDECOL[3]
Not valid
0
12
GDECOL[4]
Not valid
1
13
GDECOL[5]
Not valid
2
14
GDECOL[6]
Not valid
3
15
GDECOL[7]
Not valid
4
16
GDECOL[8]
Not valid
5
17
GDECOL[9]
Not valid
6
18
GDECOL[10]
Not valid
7
19
GDECOL[11]
Not valid
8
20
GDECOL[12]
Not valid
9
21
GDECOL[13]
Not valid
10
22
GDECOL[14]
Closed caption
11
23
GDECOL[15]
Not valid
12
321 (8)
GDECEL[0]
Not valid
13
322 (9)
GDECEL[1]
Not valid
14
323 (10)
GDECEL[2]
Not valid
15
324 (11)
GDECEL[3]
Not valid
0
325 (12)
GDECEL[4]
Not valid
1
326 (13)
GDECEL[5]
Not valid
2
327 (14)
GDECEL[6]
Not valid
3
328 (15)
GDECEL[7]
Not valid
4
329 (16)
GDECEL[8]
Not valid
5
330 (17)
GDECEL[9]
Not valid
6
331 (18)
GDECEL[10]
Not valid
7
332 (19)
GDECEL[11]
Not valid
8
333 (20)
GDECEL[12]
Not valid
9
334 (21)
GDECEL[13]
Not valid
10
335 (22)
GDECEL[14]
Closed caption
11
336 (23)
GDECEL[15]
Not valid
IF Compensation Filter
IFFILTSEL[2:0]
IF Filter Select Address 0xF8 [2:0]
The IFFILTSEL[2:0] register allows the user to compensate for
SAW filter characteristics on a composite input as would be
observed on tuner outputs. Figure 35 and Figure 36 show IF
filter compensation for NTSC and PAL.
The options for this feature are as follows:
•
Bypass mode (default)
•
NTSC—consists of three filter characteristics
•
PAL—consists of three filter characteristics
See Table 84 for programming details.
FREQUENCY (MHz)
2.0
4.0
3.5
3.0
2.5
5.0
4.5
–12
–10
–8
–6
–4
–2
0
2
4
6
Figure 35. NTSC IF Compensation Filter Responses
FREQUENCY (MHz)
3.0
5.0
4.5
4.0
3.5
6.0
5.5
–8
–6
–4
–2
0
2
4
6
Figure 36. PAL IF Compensation Filter Responses
I
P
2
P
C Interrupt System
The ADV7181B has a comprehensive interrupt register set. This
map is located in Register Access Page 2. See Table 82 or details
of the interrupt register map.
How to access this map is described in Figure 37.
COMMON I2C SPACE
ADDRESS 0x00 => 0x3F
ADDRESS 0x0E BIT 6,5 = 00b
ADDRESS 0x0E BIT 6,5 = 01b
I2C SPACE
REGISTER ACCESS PAGE 1
ADDRESS 0x40 => 0xFF
NORMAL REGISTER SPACE
I2C SPACE
REGISTER ACCESS PAGE 2
ADDRESS 0x40 => 0x4C
INTERRUPT REGISTER SPACE
Figure 37. Register Access —Page 1 and Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com