công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT312C/CG bảng dữ liệu(PDF) 79 Page - Zarlink Semiconductor Inc

tên linh kiện MT312C/CG
Giải thích chi tiết về linh kiện  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG bảng dữ liệu(HTML) 79 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 75Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 76Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 77Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 79Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 80Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 81Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 82Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 83Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Electrical Characteristics
MT312
79
12.3 Crystal Specification
Parallel resonant fundamental frequency (preferred)
9.99 to 16.00MHz.
Tolerance over operating temperature range
±25ppm.
Tolerance overall
±50ppm.
Nominal load capacitance
30pF.
Equivalent series resistance
<35
Ω
NOTE: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the
maximum symbol rate required. See 59.
12.4 DC Electrical Characteristics
Parameter
Conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Core operating voltage
CVDD
1.62
1.8
1.98
V
Peripheral operating voltage
VDD
3.0
3.3
3.6
V
Average core power supply
current
CIDD
130
150
mA
Average peripheral power
supply current
IDD
170
180
mA
Average supply current
Stand-by Mode
12
mA
Output levels VOH
Tri-state push pull
1 mA drive current.
IIN, QIN, TESTCLK,
MDO, MOVAL, MOSTRT,
MOCLK, BKERR,
DISECQ, STATUS
VOH
0.80
VDD
0.92
VDD
V
Output levels VOL
Tri-state push pull
1 mA drive current,
Pins as VOH.
0.2
0.4
V
Output level open drain
4 mA drive current.
6 mA drive current.
AGC, DATA1, IRQ,
GPP<2:0>
0.4
0.6
V
V
Input levels VIH CMOS
3.3V input
VIH
0.7VDD
V
Input levels VIH CMOS
5.0V input
VIH
0.7VDD
V
Input levels VIL CMOS
VIL
0.3VDD
V
Input leakage Current
VIN = 0 and VDD
10
µA
Table 11 - DC electrical characteristics
GND
33pF
33pF
XTO
XTI
Figure 27 - Crystal oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com