công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT312C/CG bảng dữ liệu(PDF) 47 Page - Zarlink Semiconductor Inc

tên linh kiện MT312C/CG
Giải thích chi tiết về linh kiện  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG bảng dữ liệu(HTML) 47 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 49Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 50Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 51Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Forward Error Correction
MT312
47
7 Forward Error Correction
7.1 Forward Error Correction Read/Write Registers
7.1.1 FEC Interrupt Enable. Register 31 (R/W)
When the bits of this register are set high, they enable an event to generate an interrupt on the pin 57. All
interrupts may be enabled together.
B7:
High = Enable DiSEqC™ indication on interrupt pin.
B6:
High = Enable Byte Align lock lost indication on interrupt pin.
B5:
High = Enable Byte Align lock indication on interrupt pin.
B4:
High = Enable Viterbi lock lost indication on interrupt pin.
B3:
High = Enable Viterbi lock indication on interrupt pin.
B2:
High = Enable Viterbi BER monitor period reached indication on interrupt pin.
B1:
High = Enable De-scrambler lock lost indication on interrupt pin.
B0:High = Enable De-scrambler lock indication on interrupt pin.
7.1.2 FEC STATUS Output Enable. Register 33 (R/W)
If more than one bit is enabled then the logical-OR combination of the selected status signals will appear on the
STATUS pin 52.
B7-4:
MOCLK RATIO[3:0]
MPEG clock ratio - 6. I.e. range is from 6 to 21
see section 9.1.3 on 54.
B3:
DS lock
High = De-scrambler lock
B2:
BA lock
High = Byte Align lock
B1:
VIT lock
High = Viterbi lock. High = Viterbi lock
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
IE FEC
31
IE FEC[7:0] Interrupt enable FEC
R/W
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FEC STAT EN
33
MOCLK RATIO[3:0]
DS lock
BA
lock
VIT
lock
BER
tog
R/W
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com