| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT312C/CG bảng dữ liệu(PDF) 76 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT312C/CG bảng dữ liệu(HTML) 76 Page - Zarlink Semiconductor Inc |
|
76 / 90 page ![]() MT312 Microprocessor Control 76 11.5 Examples of 2-Wire Bus Messages KEY: S Start condition W Write (= 0) P Stop condition R Read (= 1) A Acknowledge NA NOT Acknowledge ITALICS MT312 output RADD Register Address Write operation - as a slave receiver: Read operation - MT312 as a slave transmitter: Write/read operation with repeated start - MT312 as a slave transmitter: Write / read / write operation with repeated start and auto increment off with IAI set high - MT312 as a slave transmitter. This example uses the GPP CTRL register where the register address is 20 + 128 (IAI). Data is first read from the GPP CTRL register, then following a restart, data is written to the GPP CTRL register. To program the Tuner, use the following sequence of three messages: Open secondary 2-wire port: Program Tuner: Close secondary 2-wire port: Always close the secondary 2-wire port after programming the Tuner, to avoid 2-wire bus clock interference in the Tuner. S DEVICE ADDRESS W A RADD (n) A DATA (reg n) A DATA (reg n+1) AP S DEVICE ADDRESS R A DATA (reg 0) A DATA (reg 1) A DATA (reg 2) NA P S DEVICE ADDRESS W A RADD (n) A S DEVICE ADDRESS RA DATA (reg n) ADATA (reg n+1) NA P S DEVICE ADDRESS W A RADD (148) A S DEVICE ADDRESS RA DATA (reg 20) NA S DEVICE ADDRESS W A DATA (reg 20) AP S MT312 ADDRESS W A GPP CTRL (20) A DATA (64) AP S TUNER ADDRESS W A DATA (BYTE 2) A DATA (BYTE 3) A DATA (BYTE 4) A DATA (BYTE 5) AP S MT312 ADDRESS W A GPP CTRL (20) A DATA (0) AP |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |