công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT312C/CG bảng dữ liệu(PDF) 74 Page - Zarlink Semiconductor Inc

tên linh kiện MT312C/CG
Giải thích chi tiết về linh kiện  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG bảng dữ liệu(HTML) 74 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 70Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 71Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 72Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 73Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 74Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 75Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 76Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 77Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
MT312 Microprocessor Control
74
11 Microprocessor Control
11.1 Primary 2-Wire Bus Address
The 2-wire bus Address is determined by applying VDD or VSS to the ADDR[7:1] pins. See 11.3 Primary 2-
Wire Bus Interface.
11.2 RADD: 2-Wire Register Address (W)
RADD is the 2-wire register address. It is the first byte written after the MT312 2-wire chip address when in
write mode.
To write to the chip, the microprocessor should send a START condition and the chip address with the write bit
set, followed by the register address where subsequent data bytes are to be written. Finally, when the
'message' has been sent, a STOP condition is sent to free the bus.
To read from the chip from register address zero, the microprocessor should send a START condition and the
chip address with the read bit set, followed by the requisite number of CLK1 clocks to read the bytes out.
Finally a STOP condition is sent to free the bus. RADD is not sent in this case.
To read from the chip from an address other than zero, the microprocessor should send the chip address with
the write bit set, followed by the register address where subsequent data bytes are to be read. Then the
microprocessor should send a START condition and the chip address with the read bit set, followed by the
requisite number of CLK1 clocks to read the bytes out. Finally a STOP condition is sent to free the bus
A STOP condition shall reset the RADD value to 00. For examples of use, see 74.
RADD (virtual register, address none)
B7:
IAI
High = Inhibit auto increment.
Low = Increment addresses.
B6-0:
AD[6:0]
2-wire register address, numbers in the range 0 to 127 are allowed.
When the register address is incremented to 127 it stops and the bus will continue to write to or read from
register 127 until a STOP condition is sent.
11.3 Primary 2-Wire Bus Interface
The primary 2-wire bus serial interface uses pins:
DATA1 (pin 54) Serial data, the most significant bit is sent first.
CLK1 (pin 53) Serial clock.
The 2-wire bus Address is determined by applying VDD or VSS to the ADDR[7:1] pins.
For compatibility with VP310, the 2-wire bus Address should be 0001 110 R/ and the pins connected as follows:
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
RADD
N/A
IAI
AD6
AD5
AD4
AD3
AD2
AD1
AD0
W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com