| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8162 bảng dữ liệu(PDF) 20 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8162 bảng dữ liệu(HTML) 20 Page - Vitesse Semiconductor Corporation |
|
20 / 20 page ![]() VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC8162 2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery Page 20 © VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 9/14/98 G52209-0, Rev. 2.0 Notice This document contains information about a product during its fabrication or early sampling phase of devel- opment. The information contained in this document is based on design targets, simulation results or early pro- totype test results. Characteristic data and other specifications are subject to change without notice. Therefore the reader is cautioned to confirm that this datasheet is current prior to design or order placement. Warning Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written consent is prohibited. |