công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8162 bảng dữ liệu(PDF) 11 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC8162
Giải thích chi tiết về linh kiện  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 bảng dữ liệu(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
Table 4: PLL Parameters
Figure 12:
VSC8162 Jitter Mask Specification
a. Measured at the HS clock output for jitter in the 12 kHz to 20 MHz band. Assume 1.2 ps rms input data jitter
b. Error-free operation guaranteed when electrical input signal is subject to jitter specified by mask in Figure 9.
Parameters
Description
Min
Typ
Max
Units
Conditions
RCd
REFCK Duty Cycle
45
—
55
%
—
RCf
REFCK Frequency
—
19.44
—
MHz
—
∆f
RC
REFCK Frequency Tolerance
-100
—
+100
ppm
—
tACQ
Acquisition time
—
—
20
µs
With valid reference clock
tset
Loss of Lock set time
2.3
—
100
µs
From data interruption
tclr
Loss of Lock clear time
125
—
250
µs
From data restoration
tdensity
Maximum zero-timing-content
period
—
1200
—
UI
For 0 BER
tjitter
Jitter generationa
—
3.6
4.0
ps rms
—
ttolerance
Jitter toleranceb
Exceeds mask in Figure 9
—
slope = -20 dB/decade
sinusoidal
input
jitter
amplitude
(UI p-p)
30
3.0
0.30
frequency (Hz)
10
600
6k
100k
1000k
0.15
1.5
15
SONET/SDH Mask
VSC8162 Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com