công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC549 bảng dữ liệu(PDF) 93 Page - Texas Instruments

tên linh kiện TMS320VC549
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 bảng dữ liệu(HTML) 93 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 89Page - Texas Instruments TMS320VC549 Datasheet HTML 90Page - Texas Instruments TMS320VC549 Datasheet HTML 91Page - Texas Instruments TMS320VC549 Datasheet HTML 92Page - Texas Instruments TMS320VC549 Datasheet HTML 93Page - Texas Instruments TMS320VC549 Datasheet HTML 94Page - Texas Instruments TMS320VC549 Datasheet HTML 95Page - Texas Instruments TMS320VC549 Datasheet HTML 96Page - Texas Instruments TMS320VC549 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
93
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
buffered serial port receive timing
timing requirements for buffered serial port receive (see Figure 35)
’C54x-40
’LC54x-40
’54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
UNIT
tc(SCK)
Cycle time, serial port clock
25
†
20
†
ns
tf(SCK)
Fall time, serial port clock
4
4
ns
tr(SCK)
Rise time, serial port clock
4
4
ns
tw(SCK)
Pulse duration, serial port clock low/high
8.5
6
ns
tsu(BFSR)
Setup time, BFSR before BCLKR falling edge (see Note 2)
2
2
ns
th(BFSR)
Hold time, BFSR after BCLKR falling edge (see Note 2)
10
tc(SCK)–2‡
10
tc(SCK)–2‡
ns
tsu(BDR)
Setup time, BDR before BCLKR falling edge
0
0
ns
th(BDR)
Hold time, BDR after BCLKR falling edge
10
10
ns
† The serial port design is fully static and therefore can operate with tc(SCK) approaching infinity. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ First bit is read when BFSR is sampled low by BCLKR clock.
NOTE 2: Timings for BCLKR and BFSR are given with polarity bits (BCLKP and BFSP) set to 0.
tw(SCK)
tw(SCK)
BCLKR
BFSR
BDR
1
2
8/10/12/16
tsu(BDR)
tc(SCK)
tsu(BFSR)
th(BFSR)
th(BDR)
tr(SCK)
tf(SCK)
Figure 35. Buffered Serial Port Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com