công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC549 bảng dữ liệu(PDF) 61 Page - Texas Instruments

tên linh kiện TMS320VC549
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 bảng dữ liệu(HTML) 61 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 57Page - Texas Instruments TMS320VC549 Datasheet HTML 58Page - Texas Instruments TMS320VC549 Datasheet HTML 59Page - Texas Instruments TMS320VC549 Datasheet HTML 60Page - Texas Instruments TMS320VC549 Datasheet HTML 61Page - Texas Instruments TMS320VC549 Datasheet HTML 62Page - Texas Instruments TMS320VC549 Datasheet HTML 63Page - Texas Instruments TMS320VC549 Datasheet HTML 64Page - Texas Instruments TMS320VC549 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
61
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics and operating conditions — ’LC54x, ’VC54x (continued)
See Table 1,
Characteristics of the ’54x Processors, for specific device applicability.
electrical characteristics over recommended operating case temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage‡
VDD = 3.3"0.3 V, IOH = MAX
2.4
V
VOL
Low-level output voltage‡
IOL = MAX
0.4
V
IIZ
Input current in high impedance
VDD = MAX, VI = VSS to VDD
–10
10
µA
TRST
With internal pulldown
–10
800
It
t
HPIENA
With internal pulldown, RS = 0
–10
400
II
Input current
(VI =VSS to VDD)
TMS, TCK, TDI, HPI||
With internal pullups
–400
10
µA
II
(VI = VSS to VDD)
D[15:0], HD[7:0]
Bus holders enabled, VDD = MAXk
–150
250
µA
All other input-only pins
–10
10
IDDC
Supply current, core CPU
VDD = 3.3 V, fx = 40 MHz,§ TC = 25°C
30¶
mA
IDDP
Supply current, pins
VDD = 3.3 V, fx = 40 MHz,§ TC = 25°C
12#
mA
IDD
Supply current,
IDLE2
PLL
× 1 mode, 40 MHz input
2
mA
IDD
Su
ly current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
5
µA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
† All values are typical unless otherwise specified.
‡ All input and output voltage levels except RS, INT0 – INT3, NMI, CNT, X2/CLKIN, CLKMD0 – CLKMD3 are LVTTL-compatible.
§ Clock mode: PLL
× 1 with external source
¶ This value was obtained with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being
executed.
# This value was obtained with single-cycle external writes, CLKOFF = 0 and load = 15 pF. For more details on how this calculation is performed,
refer to the
Calculation of TMS320C54x Power Dissipation application report (literature number SPRA164).
|| HPI input signals except for HPIENA.
kVIL(MIN) ≤ VI ≤ VIL(MAX) or VIH(MIN) ≤ VI ≤ VIH(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com