| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC549 bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC549 bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 118 page ![]() TMS320C54x, TMS320LC54x, TMS320VC54x FIXED-POINT DIGITAL SIGNAL PROCESSORS SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999 46 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 interrupts (continued) The IFR and IMR registers are laid out as shown in Figure 9. 15–14 13 12 11 10 9 8 7 6543 210 RESERVED BMINT1 BMINT0 BXINT1 BRINT1 HINT INT3 TXNT TRNT BXINT0 TRINT0 TINT INT2 INT1 INT0 Figure 9. IFR and IMR Registers instruction set summary This section summarizes the syntax used by the mnemonic assembler and the associated instruction set opcodes for the ’54x DSP devices (see Table 13). For detailed information on instruction operation, see the TMS320C54x DSP Reference Set, Volume 2: Mnemonic Instruction Set (literature number SPRU172); and for detailed information on the algebraic assembler, see the TMS320C54x DSP Reference Set, Volume 3: Algebraic Instruction Set (literature number SPRU179). |