công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC549 bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện TMS320VC549
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 37Page - Texas Instruments TMS320VC549 Datasheet HTML 38Page - Texas Instruments TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-mapped registers (continued)
Table 9. Peripheral Memory-Mapped Registers (’545 and ’546 Only)†
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
BDRR
32
20
BSP data-receive register
BDXR
33
21
BSP data-transmit register
BSPC
34
22
BSP serial-port control register
BSPCE
35
23
BSP control extension register
TIM
36
24
Timer register
PRD
37
25
Timer period counter
TCR
38
26
Timer control register
—
39
27
Reserved
SWWSR
40
28
External bus S/W wait-state register
BSCR
41
29
External bus bank-switching control register
—
42 – 43
2A – 2B
Reserved
HPIC
44
2C
HPI control register‡
—
45 – 47
2D – 2F
Reserved
DRR
48
30
Data-receive register
DXR
49
31
Data-transmit register
SPC
50
32
Serial-port control register
—
51 – 55
33 – 37
Reserved
AXR
56
38
BSP ABU transmit-address register
BKX
57
39
BSP ABU transmit-buffer-size register
ARR
58
3A
BSP ABU receive-address register
BKR
59
3B
BSP ABU receive-buffer-size register
† BSP = Buffered serial port
ABU = Auto-buffering unit
‡ Host-port interface (HPI) on ’LC545 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com