công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5401 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5401
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 11Page - Texas Instruments TMS320VC5401 Datasheet HTML 12Page - Texas Instruments TMS320VC5401 Datasheet HTML 13Page - Texas Instruments TMS320VC5401 Datasheet HTML 14Page - Texas Instruments TMS320VC5401 Datasheet HTML 15Page - Texas Instruments TMS320VC5401 Datasheet HTML 16Page - Texas Instruments TMS320VC5401 Datasheet HTML 17Page - Texas Instruments TMS320VC5401 Datasheet HTML 18Page - Texas Instruments TMS320VC5401 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
Introduction
15
December 2000 − Revised February 2004
SPRS153C
2.3
Signal Descriptions
Table 2−2 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2 for exact
pin locations based on package type.
Table 2−2. Signal Descriptions
TERMINAL
TYPE†
DESCRIPTION
TERMINAL
NAME
TYPE†
DESCRIPTION
DATA SIGNALS
A19
(MSB)
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
(LSB)
O/Z
Parallel address bus A19 [most significant bit (MSB)] through A0 [least significant bit (LSB)]. The lower sixteen
address pins (A0 to A15) are multiplexed to address all external memory (program, data) or I/O, while the upper
four address pins (A16 to A19) are only used to address external program space. These pins are placed in the
high-impedance state when the hold mode is enabled, or when OFF is low.
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
I/O/Z
Parallel data bus D15 (MSB) through D0 (LSB). The sixteen data pins (D0 to D15) are multiplexed to transfer data
between the core CPU and external data/program memory or I/O devices. The data bus is placed in the
high-impedancestate when not outputting or when RS or HOLD is asserted. The data bus also goes into the
high-impedancestate when OFF is low.
The data bus has bus holders to reduce the static power dissipation caused by floating, unused pins. These bus
holders also eliminate the need for external bias resistors on unused pins. When the data bus is not being driven
by the 5401, the bus holders keep the pins at the previous logic level. The data bus holders on the 5401 are disabled
at reset and can be enabled/disabled via the BH bit of the bank-switching control register (BSCR).
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS
IACK
O/Z
Interrupt acknowledge signal. IACK Indicates receipt of an interrupt and that the program counter is fetching the
interrupt vector location designated by A15−A0. IACK also goes into the high-impedance state when OFF is low.
INT0
INT1
INT2
INT3
I
External user interrupts. INT0−INT3 are prioritized and are maskable by the interrupt mask register (IMR) and the
interrupt mode bit. INT0 −INT3 can be polled and reset by way of the interrupt flag register (IFR).
NMI
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR. When
NMI is activated, the processor traps to the appropriate vector location.
† I = input, O = output, Z = high impedance, S = supply
‡ All revisions of the 5401 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin.
It should be noted that the X2/CLKIN pin is referenced to the device 1.8-V power supply (CVDD), rather than the 3-V I/O supply (DVDD). Refer
to the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com