công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM4204PAPR bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM4204PAPR
Giải thích chi tiết về linh kiện  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 10Page - Texas Instruments PCM4204PAPR Datasheet HTML 11Page - Texas Instruments PCM4204PAPR Datasheet HTML 12Page - Texas Instruments PCM4204PAPR Datasheet HTML 13Page - Texas Instruments PCM4204PAPR Datasheet HTML 14Page - Texas Instruments PCM4204PAPR Datasheet HTML 15Page - Texas Instruments PCM4204PAPR Datasheet HTML 16Page - Texas Instruments PCM4204PAPR Datasheet HTML 17Page - Texas Instruments PCM4204PAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
14
PRODUCT OVERVIEW
The PCM4204 is a high-performance, four-channel audio
analog-to-digital (A/D) converter designed for use in
professional and broadcast audio applications. The
PCM4204 features 24-bit linear PCM data outputs, as well
as 1-bit Direct Stream Digital (DSD) data output and input
capability for all four channels. Sampling rates up to
216kHz are supported for PCM output formats, while 64x
or 128x oversampled 1-bit data is supported for DSD
modes. Native support for both PCM and DSD data
formats makes the PCM4204 ideal for use in a wide variety
of audio recording and processing applications.
The PCM4204 features 1-bit delta sigma modulators
employing density modulated dither for improved dynamic
performance. Differential voltage inputs are utilized for the
modulators, providing excellent common-mode rejection.
On-chip
voltage
references
are
provided
for
the
modulators, in addition to generating DC common-mode
bias voltage outputs for use with external input circuitry.
Linear phase digital decimation filtering is provided for the
24-bit PCM output, with a minimum stop band attenuation
of −100dB for all sampling modes.
The PCM output mode features clipping flag outputs for
each of the four channels, as well as a digital high-pass
filter for DC removal. The PCM4204 may be configured
using dedicated input pins for sampling mode and audio
data format selection, high-pass filter enable/disable, and
reset/power-down operation.
A +5V power supply is required for the analog section of
the device, while a +3.3V power supply is required for the
digital circuitry. Figure 1 shows the functional block
diagram for the PCM4204.
Audio
Serial
Port
Control
and
Status
V
IN1+
V
IN1−
V
REF12+
AGND4
V
IN2+
V
IN2−
V
REF12−
Power and Ground
System Clock
and
Timing
V
COM12
Delta−Sigma
Modulator
Delta−Sigma
Modulator
Reference
LRCK
BCK
SDOUT1
SDOUT2
DSD
Data
Port
DSD1
DSD2
DSD3
DSD4
DSDCLK
Digital
Decimation andHighPass
Filters
To Other
Blocks
To /From
Other Blocks
FS0
FS1
FS2
S/M
FMT0
FMT1
FMT2
HPFD
SUB
RST
CLIP1
CLIP2
CLIP3
CLIP4
SCKI
V
IN3+
V
IN3−
V
REF34+
AGND3
V
IN4+
V
IN4−
V
REF34−
V
COM34
Delta−Sigma
Modulator
Delta−Sigma
Modulator
Reference
Figure 1. PCM4204 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com