công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM4204PAPR bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM4204PAPR
Giải thích chi tiết về linh kiện  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 12Page - Texas Instruments PCM4204PAPR Datasheet HTML 13Page - Texas Instruments PCM4204PAPR Datasheet HTML 14Page - Texas Instruments PCM4204PAPR Datasheet HTML 15Page - Texas Instruments PCM4204PAPR Datasheet HTML 16Page - Texas Instruments PCM4204PAPR Datasheet HTML 17Page - Texas Instruments PCM4204PAPR Datasheet HTML 18Page - Texas Instruments PCM4204PAPR Datasheet HTML 19Page - Texas Instruments PCM4204PAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
16
SCKI
t
SCKI
t
SCKIH
t
SCKIL
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
System Clock Period
26
ns
t SCKIH
System Clock High Pulse Time
12
ns
tSCKIL
System Clock Low Pulse Time
12
ns
t SCKI
Figure 2. System Clock Timing Requirements
SAMPLING MODES
The PCM4204 may be operated in one of three PCM
sampling modes, or at one of two DSD output data rates.
The PCM sampling modes are referred to as Single Rate,
Dual Rate, and Quad Rate.
Single Rate mode is utilized for sampling rates up to
54kHz. The delta-sigma modulator oversamples the
analog input signal by a rate equal to 128 times the desired
output sampling rate.
Dual Rate mode is utilized for sampling rates higher than
54kHz and up to 108kHz. The delta-sigma modulator
oversamples the analog input signal by a rate equal to 64
times the desired output sampling rate.
Quad Rate mode is utilized for sampling frequencies
higher than 108kHz and up to 216kHz. The delta-sigma
modulator oversamples the analog input signal by a rate
equal to 32 times the desired output sampling rate.
For DSD output data, the user may select either 64fS or
128fS oversampled data rates, where fS is the base
sampling rate, which is 44.1kHz for Super Audio CD
(SACD) applications. The 64fS data rate is analogous to
the Dual Rate PCM sampling mode, where the analog
input signal is oversampled by a rate equal to 64 times the
base sampling rate. The 128fS data rate corresponds to
the Single Rate PCM sampling mode, where the analog
input signal is oversampled by a rate equal to 128 times the
base sampling rate. For DSD input data, the rate of the
data must be known in order to configure the digital
decimation filter for either 1/64 or 1/128 operation.
Table 1 indicates the sampling mode utilized for common
system clock and sampling rate combinations. The FS0
(pin 12), FS1 (pin 13), and FS2 (pin 14) inputs are utilized
to select the sampling mode for the PCM4204. If the state
of the sampling mode pins is changed any time after
power-up reset initialization, the user should issue an
external forced reset to re-initialize the PCM4204. Table 2,
Table 3, Table 4, and Table 5 indicate the sampling mode
selections for PCM Master and Slave mode operation, as
well as the DSD Output and Input mode operation.
Table 2. Sampling Mode Selection for PCM
Master Mode Operation
FS2
FS1
FS0
SAMPLING MODE WITH
SYSTEM CLOCK RATE
0
0
0
Single Rate with fSCKI = 768fS
0
0
1
Single Rate with fSCKI = 512fS
0
1
0
Single Rate with fSCKI = 384fS
0
1
1
Single Rate with fSCKI = 256fS
1
0
0
Dual Rate with fSCKI = 384fS
1
0
1
Dual Rate with fSCKI = 256fS
1
1
0
Quad Rate with fSCKI = 192fS
1
1
1
Quad Rate with fSCKI = 128fS
Table 3. Sampling Mode Selection for PCM Slave
Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
Single Rate with Clock Auto-Detection
0
0
1
Dual Rate with Clock Auto-Detection
0
1
0
Quad Rate with Clock Auto-Detection
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com