công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM4204PAPR bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM4204PAPR
Giải thích chi tiết về linh kiện  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 13Page - Texas Instruments PCM4204PAPR Datasheet HTML 14Page - Texas Instruments PCM4204PAPR Datasheet HTML 15Page - Texas Instruments PCM4204PAPR Datasheet HTML 16Page - Texas Instruments PCM4204PAPR Datasheet HTML 17Page - Texas Instruments PCM4204PAPR Datasheet HTML 18Page - Texas Instruments PCM4204PAPR Datasheet HTML 19Page - Texas Instruments PCM4204PAPR Datasheet HTML 20Page - Texas Instruments PCM4204PAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
17
Table 4. Sampling Mode Selection for DSD
Output Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
128fS DSD Output Rate with fSCKI = 768fS
0
0
1
128fS DSD Output Rate with fSCKI = 512fS
0
1
0
128fS DSD Output Rate with fSCKI = 384fS
0
1
1
128fS DSD Output Rate with fSCKI = 256fS
1
0
0
64fS DSD Output Rate with fSCKI = 384fS
1
0
1
64fS DSD Output Rate with fSCKI = 256fS
1
1
0
Reserved
1
1
1
Reserved
Table 5. Sampling Mode Selection for DSD Input
Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
Reserved
0
0
1
128fS DSD Output Rate with fSCKI = 512fS
0
1
0
128fS DSD Output Rate with fSCKI = 384fS
0
1
1
128fS DSD Output Rate with fSCKI = 256fS
1
0
0
64fS DSD Output Rate with fSCKI = 384fS
1
0
1
64fS DSD Output Rate with fSCKI = 256fS
1
1
0
Reserved
1
1
1
Reserved
AUDIO DATA FORMATS
As mentioned previously, the PCM4204 supports 24-bit
linear PCM output data, as well as 1-bit DSD output data.
The available data formats are dependent upon whether
the PCM4204 is configured in Slave or Master mode. The
S/M (pin 17), FMT0 (pin 18), FMT1 (pin 19), and FMT2 (pin
20) inputs are utilized to select either Slave or Master
mode and the corresponding audio data format.
In Slave mode, the PCM bit and left/right word clocks (BCK
and LRCK) are configured as input pins. DSD data formats
are not supported in Slave mode. Slave mode supports
commonly used PCM audio data formats, including Left-
Justified, Right-Justified, and Philips I2S. Time division
multiplexed (TDM) data formats are also supported,
allowing up to two PCM4204 devices to be cascaded on
a single audio serial bus. Table 6 summarizes the
corresponding Slave mode data format selections.
In Master mode, the PCM bit and left/right clocks (BCK and
LRCK respectively) are configured as output pins, and are
derived from the system clock input (SCKI). For the DSD
data and clock pins (DSD1, DSD2, DSD3, DSD4, and
DSDCLK), they may be configured as either inputs or
outputs, depending upon the DSD format selection. Table
7 summarizes the corresponding Master mode data format
selections.
Figure 3, Figure 4, and Figure 5 illustrate the PCM and
DSD data formats supported by the PCM4204.
Table 6. Slave Mode Audio Data Format Selection
S/M
FMT2
FMT1
FMT0
AUDIO DATA FORMAT
1
0
0
0
24-bit Left-Justified
1
0
0
1
24-bit I2S
1
0
1
0
24-bit Right-Justified
1
0
1
1
TDM with No BCK Delay for
Start of Frame
1
1
0
0
TDM with One BCK Delay for
Start of Frame
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved
Table 7. Master Mode Audio Data Format
Selection
S/M
FMT2
FMT1
FMT0
AUDIO DATA FORMAT
0
0
0
0
24-bit Left-Justified
0
0
0
1
24-bit I2S
0
0
1
0
24-bit Right-Justified
0
0
1
1
DSD Output with PCM Output
Disabled
0
1
0
0
DSD Input with 24−Bit Right-
Justified PCM Output
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com