công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM4204PAPR bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM4204PAPR
Giải thích chi tiết về linh kiện  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 24Page - Texas Instruments PCM4204PAPR Datasheet HTML 25Page - Texas Instruments PCM4204PAPR Datasheet HTML 26Page - Texas Instruments PCM4204PAPR Datasheet HTML 27Page - Texas Instruments PCM4204PAPR Datasheet HTML 28Page - Texas Instruments PCM4204PAPR Datasheet HTML 29Page - Texas Instruments PCM4204PAPR Datasheet HTML 30Page - Texas Instruments PCM4204PAPR Datasheet HTML 31Page - Texas Instruments PCM4204PAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
28
PowerPAD THERMALLY ENHANCED PACKAGING
The PowerPAD concept is implemented in standard epoxy
resin package material. The integrated circuit is attached
to the leadframe die pad using thermally conductive epoxy.
The package is molded so that the leadframe die pad is
exposed at a surface of the package. This provides an
extremely low thermal resistance to the path between the
IC junction and the exterior case. The external surface of
the leadframe die pad is located on the PCB side of the
package, allowing the die pad to be attached to the PCB
using standard flow soldering techniques. This allows
efficient attachment to the PCB and permits the board
structure to be utilized as a heat sink for the package.
Using a thermal pad identical in size to the die pad and vias
connected to the PCB ground plane, the board designer
can now implement power packaging without additional
thermal hardware (for example, external heat sinks) or the
need for specialized assembly instructions.
Figure 18 illustrates a cross-section view of a PowerPAD
package.
IC Die
Wire Bond
Wire Bond
Leadframe Die Pad
Exposed at Base of Package
Die Attach Epoxy
(thermally conductive)
Leadframe
Mold Compount
(Epoxy)
Figure 18. Cross-Section View of a PowerPAD Thermally-Enhanced Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com