| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT82C596 bảng dữ liệu(PDF) 59 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596 bảng dữ liệu(HTML) 59 Page - List of Unclassifed Manufacturers |
|
59 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -53- Function 1 Registers - Enhanced IDE Controller 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Offset 70 – Primary IDE Status .......................................RW 7 Interrupt Status 6 Prefetch Buffer Status 5 Post Write Buffer Status 4 DMA Read Prefetch Status 3 DMA Write Prefetch Status 2 S/G Operation Complete 1-0 Reserved ........................................ always reads 0 Offset 71 – Primary Interrupt Control............................RW 7-1 Reserved ........................................ always reads 0 0 Flush FIFO Before Generating IDE Interrupt 0 Desable...................................................default 1Enable Offset 74 – Primary IDE Command 1 .............................RW 7 Reload Sector Size After Last Command Register Write 6-0 Reserved ........................................ always reads 0 Offset 75 – Primary IDE Command 2 .............................RW 7 Set Controller to Perform PIO Mode Data Port Prefetch 6 Set Controller to Perform PIO Mode Data Port Buffer Write 5 Set Controller to Perform DMA Mode Read Pipeline Operation 4 Set Controller to Perform DMA Mode Write Pipeline Operation 3 Stop S/G Bus Master 2-0 Reserved ........................................ always reads 0 Offset 78 – Secondary IDE Status ................................... RW 7 Interrupt Status 6 Prefetch Buffer Status 5 Post Write Buffer Status 4 DMA Read Prefetch Status 3 DMA Write Prefetch Status 2 S/G Operation Complete 1-0 Reserved ........................................ always reads 0 Offset 79 - Secondary Interrupt Control ........................ RW 7-1 Reserved ........................................ always reads 0 0 Flush FIFO Before Generating IDE Interrupt 0 Desable .................................................. default 1Enable Offset 7C – Secondary IDE Command 1 ........................ RW 7 Reload Sector Size After Last Command Register Write 6-0 Reserved ........................................ always reads 0 Offset 7D – Secondary IDE Command 2 ........................ RW 7 Set Controller to Perform PIO Mode Data Port Prefetch 6 Set Controller to Perform PIO Mode Data Port Buffer Write 5 Set Controller to Perform DMA Mode Read Pipeline Operation 4 Set Controller to Perform DMA Mode Write Pipeline Operation 3 Stop S/G Bus Master 2-0 Reserved ........................................ always reads 0 |