công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 391 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 391 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 387Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 388Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 389Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 390Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 391Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 392Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 393Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 394Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 395Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 407 page
background image
XCSn
HCLK
DS456
XAn
XWE
XBEn
XDn
Data
Address
tAV
tCSL
tBEL
tAH
tCSH
tBEH
tWEL
tDOV
tDOH
tWEH
XCSn
HCLK
DS455
XAn
XOE
XBEn
XDn
Data
Address
tAV
tCSL
t
BEL
tOEL
tAH
tCSH
t
BEH
tOEH
tDIH
tDSU
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 36-12. External Memory Signals (continued)
DESCRIPTION(1)
REFERENCE
MIN
MAX
UNIT
tBEL
Byte Enable Low
After RE on HCLK Clock, See Figure 36-25 and Figure 36-26
9
ns
tBEH
Byte Enable Hold
After RE on HCLK Clock, See Figure 36-25 and Figure 36-26
0
ns
tOEL
Output Enable Low
After RE on HCLK Clock, See Figure 36-25
9
ns
tOEH
Output Enable Hold
After RE on HCLK Clock, See Figure 36-25
0
ns
tWEL
Write Enable Low
After RE on HCLK Clock, See Figure 36-26
9
ns
tWEH
Write Enable Hold
After RE on HCLK Clock, See Figure 36-26
0
ns
tDOV
Data Bus Output Valid
After RE on HCLK Clock, See Figure 36-26
9
ns
tDOH
Data Bus Output Hold
After RE on HCLK Clock, See Figure 36-26
0
ns
Figure 36-25. Memory Read Cycle
Figure 36-26. Memory Write Cycle
Copyright © 2013, Texas Instruments Incorporated
Electrical Specifications
391
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com