| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP3SP33SMS/NOPB bảng dữ liệu(PDF) 203 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB bảng dữ liệu(HTML) 203 Page - Texas Instruments |
|
203 / 407 page ![]() CP3SP33 www.ti.com SNOSCW5 – MAY 2013 TSEG The Time Segment 1 field configures the length of the Time 1 Segment 1 (TSEG1). It is not recommended to configure the time segment 1 to be smaller than 2 time quanta. (see Table 22- 15). Table 22-15. Time Segment 1 Settings TSEG1[3:0] Length of Time (TSEG1) 0000 Not recommended 0001 2 time quanta 0010 3 time quanta 0011 4 time quanta 0100 5 time quanta 0101 6 time quanta 0110 7 time quanta 0111 8 time quanta 1000 9 time quanta 1001 10 time quanta 1010 11 time quanta 1011 12 time quanta 1100 13 time quanta 1101 14 time quanta 1110 15 time quanta 1111 16 time quanta TSE The Time Segment 2 field specifies the number of time quanta G2 (tq) for phase segment 2 (see Table 22-16). Table 22-16. Time Segment 2 Settings TSEG2 Length of TSEG2 000 1 time quantum 001 2 time quanta 010 3 time quanta 011 4 time quanta 100 5 time quanta 101 6 time quanta 110 7 time quanta 111 8 time quanta 22.10.8 CAN Global Mask Register n (GMSKBn/GMSKXn) The GMSKBn and GMSKXn registers allow software to globally mask, or “don’t care” the incoming extended/standard identifier bits, RTR/XRTR and IDE. Throughout this document, the GMSKBn and GMSKXn 16-bit registers are referenced as a 32-bit register GMSK. The following are the bits for the GMSKBn register. Copyright © 2013, Texas Instruments Incorporated Dual CAN Interfaces 203 Submit Documentation Feedback Product Folder Links :CP3SP33 |