công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83907 bảng dữ liệu(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83907
Giải thích chi tiết về linh kiện  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 bảng dữ liệu(HTML) 38 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 34Page - National Semiconductor (TI) DP83907 Datasheet HTML 35Page - National Semiconductor (TI) DP83907 Datasheet HTML 36Page - National Semiconductor (TI) DP83907 Datasheet HTML 37Page - National Semiconductor (TI) DP83907 Datasheet HTML 38Page - National Semiconductor (TI) DP83907 Datasheet HTML 39Page - National Semiconductor (TI) DP83907 Datasheet HTML 40Page - National Semiconductor (TI) DP83907 Datasheet HTML 41Page - National Semiconductor (TI) DP83907 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
50 Register Descriptions (Continued)
TLF12082 – 19
FIGURE 24 DMA Registers
53 DP8390 CORE DMA REGISTERS
The DMA Registers are partitioned into groups Transmit
Receive and Remote DMA Registers The Transmit regis-
ters are used to initialize the Local DMA Channel for trans-
mission of packets while the Receive Registers are used to
initialize the Local DMA Channel for packet Reception The
Page Stop Page Start Current and Boundary Registers are
used by the Buffer Management Logic to supervise the Re-
ceive Buffer Ring The Remote DMA Registers are used to
initialize the Remote DMA
Note
In the figure above registers are shown as 8 or 16 bits wide Al-
though some registers are 16-bit internal registers all registers are
accessed as 8-bit registers Thus the 16-bit Transmit Byte Count
Register is broken into two 8-bit registers TBCR0 TBCR1 Also
TPSR PSTART PST0P CURR and BNRY only check or control the
upper 8 bits of address information on the bus Thus they are shifted
to positions 15-8 in the diagram above
Transmit DMA Registers
TRANSMIT PAGE START REGISTER (TPSR)
This register points to the assembled packet to be transmit-
ted Only the eight higher order addresses are specified
since all transmit packets are assembled on 256-byte page
boundaries The bit assignment is shown below The values
placed in bits D7-D0 will be used to initialize the higher order
address (A8-A15) of the Local DMA for transmission The
lower order bits (A7 – A0) are initialized to zero
Bit Assignment
765432
1
0
TPSR
A15
A14
A13
A12
A11
A10
A9
A8
(A7–A0 Initialized to 0)
TRANSMIT BYTE COUNT REGISTER 01 (TBCR0
TBCR1)
These two registers indicate the length of the packet to be
transmitted in bytes The count must include the number of
bytes in the source destination length and data fields The
maximum number of transmit bytes allowed is 64K bytes
The DP83907 will not truncate transmissions longer than
1500 bytes The bit assignment is shown below
765432
1
0
TBCR1
L15
L14
L13
L12
L11
L10
L9
L8
765432
1
0
TBCR0
L7
L6
L5
L4
L3
L2
L1
L0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com