công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83907 bảng dữ liệu(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83907
Giải thích chi tiết về linh kiện  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 bảng dữ liệu(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 33Page - National Semiconductor (TI) DP83907 Datasheet HTML 34Page - National Semiconductor (TI) DP83907 Datasheet HTML 35Page - National Semiconductor (TI) DP83907 Datasheet HTML 36Page - National Semiconductor (TI) DP83907 Datasheet HTML 37Page - National Semiconductor (TI) DP83907 Datasheet HTML 38Page - National Semiconductor (TI) DP83907 Datasheet HTML 39Page - National Semiconductor (TI) DP83907 Datasheet HTML 40Page - National Semiconductor (TI) DP83907 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
50 Register Descriptions (Continued)
RECEIVE STATUS REGISTER (RSR)
0CH (READ)
This register records status of the received packet including information on errors and the type of address match either
physical or multicast The contents of this register are written to buffer memory by the DMA after reception of a good packet If
packets with errors are to be saved the receive status is written to memory at the head of the erroneous packet if an erroneous
packet is received If packets with errors are to be rejected the RSR will not be written to memory The contents will be cleared
when the next packet arrives CRC errors Frame Alignment errors and missed packets are counted internally by the DP83907
which relinquishes the Host from reading the RSR in real time to record errors for Network Management Functions The
contents of this register are not specified until after the first reception
76
5
4
3
2
1
0
DFR
DIS
PHY
MPA
FO
FAE
CRC
PRX
Bit
Symbol
Description
D0
PRX
PACKET RECEIVED INTACT
Indicates packet received without error (Bits CRC FAE FO and MPA are
zero for the received packet)
D1
CRC
CRC ERROR
Indicates packet received with CRC error Increments Tally Counter (CNTR1) This bit will
also be set for Frame Alignment errors
D2
FAE
FRAME ALIGNMENT ERROR
Indicates that the incoming packet did not end on a byte boundary and the
CRC did not match at last byte boundary Increments Tally Counter (CNTR0)
D3
FO
FIFO OVERRUN
This bit is set when the FIFO is not serviced causing overflow during reception
Reception of the packet will be aborted
D4
MPA
MISSED PACKET
Set when packet intended for node cannot be accepted by SNIC because of a lack of
receive buffers or if the controller is in monitor mode and did not buffer the packet to memory Increments
Tally Counter (CNTR2)
D5
PHY
PHYSICALMULTICAST ADDRESS
Indicates whether received packet had a physical or multicast
address type
0 Physical Address Match
1 MulticastBroadcast Address Match
D6
DIS
RECEIVER DISABLED
Set when receiver disabled by entering Monitor mode Reset when receiver is re-
enabled when exiting Monitor mode
D7
DFR
DEFERRING
Set when internal Carrier Sense or Collision signals are generated in the ENDEC module If
the transceiver has asserted the CD line as a result of the jabber this bit will stay set indicating the jabber
condition
Note
Following coding applies to CRC and FAE bits
FAE
CRC
Type of Error
0
0
No Error (Good CRC and k6 Dribble Bits)
0
1
CRC Error
1
0
Illegal wil not occur
1
1
Frame Alignment Error and CRC Error
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com