công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83907 bảng dữ liệu(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83907
Giải thích chi tiết về linh kiện  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 bảng dữ liệu(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) DP83907 Datasheet HTML 25Page - National Semiconductor (TI) DP83907 Datasheet HTML 26Page - National Semiconductor (TI) DP83907 Datasheet HTML 27Page - National Semiconductor (TI) DP83907 Datasheet HTML 28Page - National Semiconductor (TI) DP83907 Datasheet HTML 29Page - National Semiconductor (TI) DP83907 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
50 Register Descriptions (Continued)
SIGNATURE REGISTER
This register is intended to allow the software programmer to determine which of the DP83907 family of devices and what board
configuration is being used This register is ‘‘hidden’’ behind a used register Register 01H in the DP83907’s Page 1 of registers
is Physical Address Register 0 which is readwrite Now the Signature Register can be read at that address by following a read
to 01H on Page 1 with another read to 01H If any other DP83907 register accesses take place between the two reads then the
second read will access Physical Address Register 0 All writes are to Physical Address Register 0 The user can determine if
the Signature Register exists by writing while in Page 1 a known value to the Physical Address Register 0 then reading it back
twice The first read will be the known value If the second read is not equal to the value written then the Signature Register
exists This operation should only be attempted while the DP83907 is in STOP mode (STP bit in the Command Register
set high)
7
6
5
4
3210
SIG7
SIG6
SIG5
EEPR
REV3
REV2
REV1
REV0
Bit
Symbol
Function
0–3
REV0–3
DP83907 FAMILY REVISION
Shows that this is an DP83907 by holding the value
Rev 3
Rev 2
Rev 1
Rev 0
1000
4
EEPR
EEPROM PROGRAMMED
If the upper byte of the EEPROM contains 073H when loaded into the
DP83907 this bit will be high
0–3
SIG5–7
BOARD REVISION
Shows that this board uses an NE2000 Architecture compatible interrupt structure
(MSA11 – 13)
Sig 7
Sig 6
Sig 5
000
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com