| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXA270 bảng dữ liệu(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PXA270 bảng dữ liệu(HTML) 39 Page - Intel Corporation |
|
39 / 126 page ![]() Electrical, Mechanical, and Thermal Specification 4-19 Intel® PXA270 Processor Pin Listing and Signal Definitions AD15 W14 GPIO<104 > ICOC Z GPIO<104> CIF_DD<2> — — Pd-0 Note[1] Note [3] PSKTSEL KP_MKOUT<1 > — AB16 Y13 GPIO<105 > ICOC Z GPIO<105> CIF_DD<1> — — Pd-0 Note[1] Note [3] nPCE<2> KP_MKOUT<2 > — AB15 W13 GPIO<106 > ICOC Z GPIO<106> CIF_DD<9> — — Pd-0 Note[1] Note [3] — KP_MKOUT<3 > — AC15 AB14 GPIO<107 > ICOC Z GPIO<107> CIF_DD<8> — — Pd-0 Note[1] Note [3] — KP_MKOUT<4 > — AD14 AA13 GPIO<108 > ICOC Z GPIO<108> CIF_DD<7> — — Pd-0 Note[1] Note [3] CHOUT<0> KP_MKOUT<5 > — D17 D16 GPIO<109 > ICOC Z GPIO<109> MMDAT<1> MSSDIO — Pd-0 Note[1] Note [3] MMDAT<1> MSSDIO — B17 C15 GPIO<110 > ICOC Z GPIO<110> MMDAT<2>/ MMCCS<0> —— Pd-0 Note[1] Note [3] MMDAT<2>/ MMCCS<0> —— C17 A17 GPIO<111 > ICOC Z GPIO<111> MMDAT<3>/ MMCCS<1> —— Pd-0 Note[1] Note [3] MMDAT<3>/ MMCCS<1> —— B18 B16 GPIO<112 > ICOC Z GPIO<112> MMCMD nMSINS — Pd-0 Note[1] Note [3] MMCMD — — A13 A10 GPIO<113 > ICOC Z GPIO<113> —— USB_P3_3 Pd-0 Note[1] Note [3] I2S_SYSCLK AC97_RESET_n — D24 F19 GPIO<114 > Note [17] ICOC Z GPIO<114> Note [17] CIFDD_<1> —— Pd-0 Note[1] Note [3] UVS0 — E21 E21 GPIO<115 > Note [17] ICOC Z GPIO<115> Note [17] DREQ<0> CIF_DD<3> MBREQ Pu-1 Note[1] Note [3] UEN nUVS1 PWM_OUT <1> C24 E20 GPIO<116 > ICOC Z GPIO<116> CIF_DD<2> AC97_SDATA_I N_0 UDET Pu-1 Note[1] Note [3] DVAL<0> nUVS2 MBGNT D20 C18 GPIO<117 > ICOC Z GPIO<117> SCL — — Pu-1 Note[1] Note [3], Note[12] SCL — — Table 4-1. Pin Usage Summary (Sheet 10 of 17) VF-BGA Ball# (13x13) PBGA Ball# (23x23) Name Type Function After Reset Primary Function Secondary Alternate Function Third Alternate Function Reset State Sleep State NOTE: Refer to Table 4-2 for Numbered Notes on Reset and Sleep States. |