công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXA270 bảng dữ liệu(PDF) 33 Page - Intel Corporation

tên linh kiện PXA270
Giải thích chi tiết về linh kiện  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 bảng dữ liệu(HTML) 33 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 29Page - Intel Corporation PXA270 Datasheet HTML 30Page - Intel Corporation PXA270 Datasheet HTML 31Page - Intel Corporation PXA270 Datasheet HTML 32Page - Intel Corporation PXA270 Datasheet HTML 33Page - Intel Corporation PXA270 Datasheet HTML 34Page - Intel Corporation PXA270 Datasheet HTML 35Page - Intel Corporation PXA270 Datasheet HTML 36Page - Intel Corporation PXA270 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
4-13
Intel® PXA270 Processor
Pin Listing and Signal Definitions
AB6
W5
GPIO<20>
ICOC
Z
GPIO<20>
DREQ<0>
MBREQ
—
Pu-1
Note[1]
Note[3]
nSDCS<2>
Refer to
Table 4-4
——
AD5
Y6
GPIO<21>
ICOC
Z
GPIO<21>
——
—
Pu-1
Note[1]
Note[3]
nSDCS<3>
Refer to
Table 4-4
DVAL<0>
MBGNT
B6
C7
GPIO<33>
ICOC
Z
GPIO<33>
FFRXD19
FFDSR19
—
Pu-1
Note[1]
Note [4]
DVAL<1>
nCS<5>
Refer to
Table 4-4
MBGNT
A10
D10
GPIO<49>
ICOC
Z
GPIO<49>
——
—
Pu-1
Note[1]
Note [5]
—
nPWE
Refer to
Table 4-4
—
B7
D8
GPIO<78>
ICOC
Z
GPIO<78>
——
—
Pu-1
Note[1]
Note[4]
nPCE<2>
nCS<2>
Refer to
Table 4-4
—
C8
A5
GPIO<79>
ICOC
Z
GPIO<79>
——
—
Pu-1
Note[1]
Note[4]
PSKTSEL
nCS<3>
Refer to
Table 4-4
PWM_OUT
<2>
C7
D7
GPIO<80>
ICOC
Z
GPIO<80>
DREQ<1>
MBREQ
—
Pu-1
Note[1]
Note[4]
—
nCS<4>
Refer to
Table 4-4
PWM_OUT
<3>
VCC_BB
AC13
Y11
GPIO<48>
ICOC
Z
GPIO<48>
CIF_DD<5>
—
—
Pu-1
Note[1]
Note [5]
BB_OB_DAT<1
>
nPOE
Refer to
Table 4-4
—
AB13
W12
GPIO<50>
ICOC
Z
GPIO<50>
CIF_DD<3>
—
SSPSCLK<2
>
Pu-1
Note[1]
Note [5]
BB_OB_DAT<2
>
nPIOIR
Refer to
Table 4-4
SSPSCLK<2
>
AD13
AB12
GPIO<51>
ICOC
Z
GPIO<51>
CIF_DD<2>
—
—
Pu-1
Note[1]
Note [5]
BB_OB_DAT<3
>
nPIOIW
Refer to
Table 4-4
—
Table 4-1. Pin Usage Summary (Sheet 4 of 17)
VF-BGA
Ball#
(13x13)
PBGA
Ball#
(23x23)
Name
Type
Function
After
Reset
Primary
Function
Secondary
Alternate
Function
Third
Alternate
Function
Reset
State
Sleep
State
NOTE: Refer to Table 4-2 for Numbered Notes on Reset and Sleep States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More