| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXA270 bảng dữ liệu(PDF) 35 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PXA270 bảng dữ liệu(HTML) 35 Page - Intel Corporation |
|
35 / 126 page ![]() Electrical, Mechanical, and Thermal Specification 4-15 Intel® PXA270 Processor Pin Listing and Signal Definitions H24 F22 GPIO<61> ICOC Z GPIO<61> — LDD<3> — Pd-0 Note[1] Note [3] — LDD<3> — H22 G22 GPIO<62> ICOC Z GPIO<62> — LDD<4> — Pd-0 Note[1] Note [3] — LDD<4> — H23 J20 GPIO<63> ICOC Z GPIO<63> — LDD<5> — Pd-0 Note[1] Note [3] — LDD<5> — J22 H22 GPIO<64> ICOC Z GPIO<64> — LDD<6> — Pd-0 Note[1] Note [3] — LDD<6> — K24 K20 GPIO<65> ICOC Z GPIO<65> — LDD<7> — Pd-0 Note[1] Note [3] — LDD<7> — K22 J19 GPIO<66> ICOC Z GPIO<66> — LDD<8> — Pd-0 Note[1] Note [3] — LDD<8> — K23 K19 GPIO<67> ICOC Z GPIO<67> — LDD<9> — Pd-0 Note[1] Note [3] — LDD<9> — L21 K21 GPIO<68> ICOC Z GPIO<68> — LDD<10> — Pd-0 Note[1] Note [3] — LDD<10> — L23 J22 GPIO<69> ICOC Z GPIO<69> —LDD<11> — Pd-0 Note[1] Note [3] —LDD<11> — M24 K22 GPIO<70> ICOC Z GPIO<70> — LDD<12> — Pd-0 Note[1] Note [3] — LDD<12> — L22 L20 GPIO<71> ICOC Z GPIO<71> — LDD<13> — Pd-0 Note[1] Note [3] — LDD<13> — N24 L21 GPIO<72> ICOC Z GPIO<72> — LDD<14> — Pd-0 Note[1] Note [3] — LDD<14> — M22 L22 GPIO<73> ICOC Z GPIO<73> — LDD<15> — Pd-0 Note[1] Note [3] — LDD<15> — R23 N22 GPIO<74> ICOC Z GPIO<74> —— — Pd-0 Note[1] Note [3] — L_FCLK_RD — P23 N20 GPIO<75> ICOC Z GPIO<75> —— — Pd-0 Note[1] Note [3] — L_LCLK _A0 — P22 N21 GPIO<76> ICOC Z GPIO<76> —— — Pd-0 Note[1] Note [3] —L_PCLK_WR — R21 P21 GPIO<77> ICOC Z GPIO<77> —— — Pd-0 Note[1] Note [3] —L_BIAS — Table 4-1. Pin Usage Summary (Sheet 6 of 17) VF-BGA Ball# (13x13) PBGA Ball# (23x23) Name Type Function After Reset Primary Function Secondary Alternate Function Third Alternate Function Reset State Sleep State NOTE: Refer to Table 4-2 for Numbered Notes on Reset and Sleep States. |