công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC583 bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện ADSP-SC583
Giải thích chi tiết về linh kiện  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices ADSP-SC583 Datasheet HTML 27Page - Analog Devices ADSP-SC583 Datasheet HTML 28Page - Analog Devices ADSP-SC583 Datasheet HTML 29Page - Analog Devices ADSP-SC583 Datasheet HTML 30Page - Analog Devices ADSP-SC583 Datasheet HTML 31Page - Analog Devices ADSP-SC583 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 168 page
background image
Rev. PrF
|
Page 28 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
SMC_ABE[n]
Output
Byte Enable n. Indicate whether the lower or upper byte of a memory is being accessed. When an
asynchronous write is made to the upper byte of a 16-bit memory, SMC_ABE1b = 0 and
SMC_ABE0b = 1. When an asynchronous write is made to the lower byte of a 16-bit memory,
SMC_ABE1b = 1 and SMC_ABE0b = 0.
SMC_AMS[n]
Output
Memory Select n. Typically connects to the chip select of a memory device.
SMC_AOE
Output
Output Enable Asserts at the beginning of the setup period of a read access.
SMC_ARDY
Input
Asynchronous Ready. Flow control signal used by memory devices to indicate to the SMC when
further transactions may proceed.
SMC_ARE
Output
Read Enable. Asserts at the beginning of a read access.
SMC_AWE
Output
Write Enable. Asserts for the duration of a write access period.
SMC_A[nn]
Output
Address n. Address bus
SMC_D[nn]
InOut
Data n. Bidirectional data bus
SPI_CLK
InOut
Clock. Input in slave mode, output in master mode.
SPI_D2
InOut
Data 2. Used to transfer serial data in Quad mode. Open-drain when ODM mode is enabled.
SPI_D3
InOut
Data 3. Used to transfer serial data in Quad mode. Open-drain when ODM mode is enabled.
SPI_MISO
InOut
Master In, Slave Out. Used to transfer serial data. Operates in the same direction as SPI_MOSI in Dual
and Quad modes. Open-drain when ODM mode is enabled.
SPI_MOSI
InOut
Master Out, Slave In. Used to transfer serial data. Operates in the same direction as SPI_MISO in Dual
and Quad modes. Open-drain when ODM mode is enabled.
SPI_RDY
InOut
Ready. Optional flow signal. Output in slave mode, input in master mode.
SPI_SEL[n]
Output
Slave Select Output n. Used in Master mode to enable the desired slave.
SPI_SS
Input
Slave Select Input. Slave mode: Acts as the slave select input.
Master mode: Optionally serves as an error detection input for the SPI when there are multiple masters.
SPT_ACLK
InOut
Channel A Clock. Data and Frame Sync are driven/sampled with respect to this clock. This signal can
be either internally or externally generated.
SPT_AD0
InOut
Channel A Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_AD1
InOut
Channel A Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_AFS
InOut
Channel A Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_ATDV
Output
Channel A Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multi-channel transmit mode. It is asserted during enabled slots.
SPT_BCLK
InOut
Channel B Clock. Data and Frame Sync are driven/sampled with respect to this clock. This signal can
be either internally or externally generated.
SPT_BD0
InOut
Channel B Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_BD1
InOut
Channel B Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_BFS
InOut
Channel B Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_BTDV
Output
Channel B Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multi-channel transmit mode. It is asserted during enabled slots.
SYS_BMODE[n]
Input
Boot Mode Control n. Selects the boot mode of the processor.
SYS_CLKIN0
Input
Clock/Crystal Input
SYS_CLKIN1
Input
Clock/Crystal Input
SYS_CLKOUT
Output
Processor Clock Output. Outputs internal clocks. Clocks may be divided down. See the CGU chapter
of the HRM for more details.
Table 11. ADSP-SC58x/ADSP-2158x Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com