| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC583 bảng dữ liệu(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 bảng dữ liệu(HTML) 90 Page - Analog Devices |
|
90 / 168 page ![]() Rev. PrF | Page 90 of 168 | February 2016 Preliminary Technical Data ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Asynchronous Read Table 41 and Figure 12 show asynchronous memory read timing, related to the static memory controller (SMC). Table 41. Asynchronous Memory Read All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Timing Requirements tSDATARE DATA in Setup Before SMC0_ARE High 5.1 ns tHDATARE DATA in Hold After SMC0_ARE High 0.7 ns tDARDYARE SMC0_ARDY Valid After SMC0_ARE Low1, 2 1 SMC0_BxCTL.ARDYEN bit = 1. 2 RAT value set using the SMC_BxTIM.RAT bits. (RAT – 2.5) × tSCLK0 – 17.5 ns Switching Characteristics tAMSARE ADDR/SMC0_AMSx Assertion Before SMC0_ARE Low3 3 PREST, RST, and PREAT values set using the SMC_BxETIM.PREST bits, SMC_BxTIM.RST bits, and the SMC_BxETIM.PREAT bits. (PREST + RST + PREAT) × tSCLK0 – 2 ns tAOEARE SMC0_AOE Assertion Before SMC0_ARE Low (RST + PREAT) × tSCLK0 – 2 ns tHARE Output4 Hold After SMC0_ARE High5 4 Output signals are SMC0_Ax, SMC0_AMS, SMC0_AOE, SMC0_ABEx. 5 RHT value set using the SMC_BxTIM.RHT bits. RHT × tSCLK0 –2 ns tWARE SMC0_ARE Active Low Width6 6 SMC0_BxCTL.ARDYEN bit = 0. RAT × tSCLK0 – 2 ns tDAREARDY SMC0_ARE High Delay After SMC0_ARDY Assertion1 2.5 × tSCLK0 3.5 × tSCLK0 + 17.5 ns Figure 12. Asynchronous Read SMC0_ARE SMC0_AMSx SMC0_Ax tWARE SMC0_AOE SMC0_Dx (DATA) SMC0_ARDY tAOEARE tAMSARE tDARDYARE tHARE tHDATARE tDAREARDY tSDATARE |