| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC583 bảng dữ liệu(PDF) 91 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 bảng dữ liệu(HTML) 91 Page - Analog Devices |
|
91 / 168 page ![]() Preliminary Technical Data Rev. PrF | Page 91 of 168 | February 2016 ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Asynchronous Flash Read Table 42 and Figure 13 show asynchronous flash memory read timing, related to the static memory controller (SMC). Table 42. Asynchronous Flash Read All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Switching Characteristics tAMSADV SMC0_Ax (Address)/SMC0_AMSx Assertion Before SMC0_NORDV Low1 1 PREST value set using the SMC_BxETIM.PREST bits. PREST × tSCLK0 – 2 ns tWADV SMC0_NORDV Active Low Width2 2 RST value set using the SMC_BxTIM.RST bits. RST × tSCLK0 – 2 ns tDADVARE SMC0_ARE Low Delay From SMC0_NORDV High3 3 PREAT value set using the SMC_BxETIM.PREAT bits. PREAT × tSCLK0 – 2 ns tHARE Output4 Hold After SMC0_ARE High5 4 Output signals are SMC0_Ax, SMC0_AMS, SMC0_AOE. 5 RHT value set using the SMC_BxTIM.RHT bits. RHT × tSCLK0 – 2 ns tWARE 6 6 SMC0_BxCTL.ARDYEN bit = 0. SMC0_ARE Active Low Width7 7 RAT value set using the SMC_BxTIM.RAT bits. RAT × tSCLK0 – 2 ns Figure 13. Asynchronous Flash Read SMC0_Ax (NOR_Ax) tAMSADV tDADVARE tWADV tWARE tHARE READ LATCHED DATA SMC0_AMSx (NOR_CE) SMC0_ARE (NOR_OE) SMC0_Dx (NOR_Dx) SMC0_AOE (NOR_ADV) |