| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT700 bảng dữ liệu(PDF) 14 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 bảng dữ liệu(HTML) 14 Page - Aeroflex Circuit Technology |
|
14 / 46 page ![]() 14 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.17 Serial Peripheral Interface (SPI) 2.18 MIL-STD-1553 Signals PCI_ARB_REQ[2] PCI-I Y4 -- PCI arbiter bus request PCI_ARB_REQ[3] PCI-I T3 -- PCI arbiter bus request PCI_ARB_REQ[4] PCI-I P3 -- PCI arbiter bus request PCI_ARB_REQ[5] PCI-I M3 -- PCI arbiter bus request PCI_ARB_REQ[6] PCI-I K3 -- PCI arbiter bus request PCI_ARB_REQ[7] PCI-I C4 -- PCI arbiter bus request PCI_ARB_GNT[0] PCI-O B3 high-z PCI arbiter bus grant PCI_ARB_GNT[1] PCI-O AA4 high-z PCI arbiter bus grant PCI_ARB_GNT[2] PCI-O W4 high-z PCI arbiter bus grant PCI_ARB_GNT[3] PCI-O R3 high-z PCI arbiter bus grant PCI_ARB_GNT[4] PCI-O N3 high-z PCI arbiter bus grant PCI_ARB_GNT[5] PCI-O L3 high-z PCI arbiter bus grant PCI_ARB_GNT[6] PCI-O J3 high-z PCI arbiter bus grant PCI_ARB_GNT[7] PCI-O A3 high-z PCI arbiter bus grant Pin Name Direction Pin Number Reset Value Description 484 CLGA SPICLK O E12 SPI Clock SPIMOSI O E13 SPI Master Out Slave In SPIMISO I E11 -- SPI Master In Slave Out SPISLVSEL O E10 SPI Select Pin Name Direction Pin Number Reset Value Description 484 CLGA 1553CLK I B11 -- MIL-STD-1553B Clock Pin Name Direction Pin Number Reset Value Description 484 CLGA |