| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT700 bảng dữ liệu(PDF) 7 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 bảng dữ liệu(HTML) 7 Page - Aeroflex Circuit Technology |
|
7 / 46 page ![]() 7 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.6 SDRAM RWE[2] O T22 high SRAM write enable strobe RWE[3] O T21 high SRAM write enable strobe RAMOE[0] O V20 high SRAM output enable RAMOE[1] O R21 high SRAM output enable RAMOE[2] O R20 high SRAM output enable RAMOE[3] O R22 high SRAM output enable RAMOE[4] O R19 high SRAM output enable RAMS[0] O P22 high SRAM chip select RAMS[1] O P20 high SRAM chip select RAMS[2] O P21 high SRAM chip select RAMS[3] O P19 high SRAM chip select RAMS[4] O N19 high SRAM chip select READ O K20 high SRAM, PROM, and I/O read indicator BEXC I K22 -- Bus exception BRDY I K21 -- Bus ready Pin Name Direction Pin Number Reset Value Description 484 CLGA SDCLK O AB12 high SDRAM clock SDRAS O N22 high SDRAM row address strobe SDCAS O N20 high SDRAM column address strobe SDWE O N21 high SDRAM write enable SDCS[0] O M21 high SDRAM chip select SDCS[1] O M22 high SDRAM chip select SDDQM[0] O L21 high SDRAM data mask SDDQM[1] O M20 high SDRAM data mask SDDQM[2] O L20 high SDRAM data mask Pin Name Direction Pin Number Reset Value Description 484 CLGA |