| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF430CL330HCPWR bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
RF430CL330HCPWR bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 47 page ![]() RF430CL330H www.ti.com SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014 4.12 RF143B, Recommended Operating Conditions over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Peak voltage limited by antenna VDDH Antenna rectified voltage 3.0 3.3 3.6 V limiter IDDH Antenna load current RMS, without limiter current 100 µA CIN Input capacitance ANT1 to ANT2, 2 V RMS 31.5 35 38.5 pF 4.13 RF143B, ISO14443B ASK Demodulator over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER MIN TYP MAX UNIT DR10 Input signal data rate 10% downlink modulation, 7% to 30% ASK, ISO1443B 106 848 kbps m10 Modulation depth 10%, tested as defined in ISO10373 7 30 % 4.14 RF143B, ISO14443B-Compliant Load Modulator over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER MIN TYP MAX UNIT fPICC Uplink subcarrier modulation frequency 0.2 1 MHz VA_MOD Modulated antenna voltage, VA_unmod = 2.3 V 0.5 V VSUB14 Uplink modulation subcarrier level, ISO14443B: H = 1.5 to 7.5 A/m 22/H0.5 mV 4.15 RF143B, Power Supply over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VLIM Limiter clamping voltage ILIM ≤ 70 mA RMS, f = 13.56 MHz 3.0 3.6 Vpk ILIM,MAX Maximum limiter current 70 mA Copyright © 2012–2014, Texas Instruments Incorporated Specifications 11 Submit Documentation Feedback Product Folder Links: RF430CL330H |