công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF430CL330HCPWR bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện RF430CL330HCPWR
Giải thích chi tiết về linh kiện  Dynamic NFC Interface Transponder
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HCPWR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button RF430CL330HCPWR Datasheet HTML 24Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 25Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 26Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 27Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 28Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 29Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 30Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 31Page - Texas Instruments RF430CL330HCPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
5.7.5
Communication Watchdog Register
When the communication watchdog is enabled, it expects a write or read access within a specified period;
otherwise, the watchdog resets the device. If the BIP-8 communication mode is enabled, the transfer must
be valid to be accepted as a watchdog reset.
Table 5-24. Communication Watchdog Register
Addr:
15
14
13
12
11
10
9
8
0xFFF1
Reserved
Addr:
7
6
5
4
3
2
1
0
0xFFF0
Reserved
Timeout Period Selection
Enable
Table 5-25. Communication Watchdog Register Description
Bit
Field
Type
Reset
Description
0
Enable
R/W
0
0b = Communication Watchdog disabled
1b = Communication Watchdog enabled
1
Timeout Period Selection
R/W
0
000b = 2 s ± 30%(1)
001b = 32 s ± 30%(1)
010b = 8.5 min ± 30%(1)
011b to 111b = Reserved
4-15
Reserved
R
0
(1)
This value is based on use of the integrated low-frequency oscillator with a frequency of 256 kHz ± 30%.
5.7.6
Version Registers
Provides version information about the implemented ROM code.
Table 5-26. Version Register
Addr:
15
14
13
12
11
10
9
8
0xFFEF
Software Version
Addr:
7
6
5
4
3
2
1
0
0xFFEE
Software Identification
Table 5-27. Version Register Description
Bit
Field
Type
Reset
Description
0-7
Software Identification
R
0x01: RF430CL330H Firmware
8-15
Software Version
R
Software version
28
Detailed Description
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com