| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF430CL330HCPWR bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
RF430CL330HCPWR bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 47 page ![]() RF430CL330H SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014 www.ti.com 5.5.1 BIP-8 Communication Mode With I 2C The BIP-8 communication mode is enabled by setting the BIP-8 bit in the General Control register. All communication after setting this bit uses the following conventions with exactly 2 address bytes (16-bit address) and 2 data bytes (16-bit data). Table 5-4. Write Access Address Bits Address Bits Master Data at Addr + 0 Data at Addr + 1 BIP-8 15 to 8 7 to 0 Slave n/a n/a n/a n/a n/a The Bit-Interleaved Parity (BIP-8) is calculated using 16-bit address and 16-bit data. If the received BIP-8 does not match with received data no write will be performed. (The BIP-8 calculation does not include the I2C device address). Table 5-5. Read Access Address Bits Address Bits Master n/a n/a n/a 15 to 8 7 to 0 Slave n/a n/a Data at Addr + 0 Data at Addr + 1 BIP-8 For read access, the Bit-Interleaved Parity (BIP-8) is calculated using the received 16-bit address and the 2 transmitted data bytes, and it is transmitted back to the master. The BIP-8 does not include the device address. 16 Detailed Description Copyright © 2012–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: RF430CL330H |