| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VD5377UW bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377UW bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 88 page ![]() Doc ID 022952 Rev 2 51/88 VD5377 Basic start-up information 8.4 Switching between Automatic mode and Manual mode This section describes how to use low power standby mode in conjunction with automatic power management mode. Low power standby has to be accessed from MANUAL RUN as shown in Figure 21. MANUAL RUN mode is accessed from AUTOMATIC MODE through SW STBY. Figure 21. Accessing low power standby from Automatic power mode The flowchart in Figure 22 shows the procedure for going into low power standby mode from automatic power mode. Note: Automatic power mode with “use standby pin” must be used to enable switching between power management modes. SW STBY MANUAL RUN MODE AUTOMATIC host_config_done = 1 automatic = 0 host_config_done = 1 automatic = 1 STANDBY STANDBY=1 STANDBY=0 host_config_done = 0 |