| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VD5377UW bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377UW bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 88 page ![]() Image capture VD5377 58/88 Doc ID 022952 Rev 2 9.1.2 Debug mode The VD5377 implements a debug mode where a grey scale image can be output instead of the image data. To enter this mode, bit 7 of register 0x59 (“framedump_mire”) must be set. The output frame should resemble the picture in Figure 25. Figure 25. I2C frame dump output in debug mode 9.2 Fast capture To enter this test mode: 1. Set register 0x5 = 0x18 - sensor in manual power mode and host_config_done set. 2. Set bit 4 of registry 0x15 to 1 (clk_pci_en). 3. Set bit 4 of registry 0x59 to 1 (pci_test_enable). |