| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VD5377UW bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377UW bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 88 page ![]() Application schematics VD5377 16/88 Doc ID 022952 Rev 2 3.2 Cursor orientation Figure 5 shows the direction of positive motion vectors relative to silicon orientation with the default power-up register settings: parameters_2 (0x27) = 0x08 that is, invert_x = 0, invert_y = 0 and swap_xy = 1. An imaging lens is assumed but not shown. The direction of X/Y motion can be reversed or swapped by writing to register 0x27 allowing preferred cursor movement from any die orientation. Figure 5. VD5377 default XY orientation Y+ X+ Pad 1 Pixel array Imaging lens not shown |