công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CS bảng dữ liệu(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DP83867CS
Giải thích chi tiết về linh kiện  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS bảng dữ liệu(HTML) 105 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 101Page - Texas Instruments DP83867CS Datasheet HTML 102Page - Texas Instruments DP83867CS Datasheet HTML 103Page - Texas Instruments DP83867CS Datasheet HTML 104Page - Texas Instruments DP83867CS Datasheet HTML 105Page - Texas Instruments DP83867CS Datasheet HTML 106Page - Texas Instruments DP83867CS Datasheet HTML 107Page - Texas Instruments DP83867CS Datasheet HTML 108Page - Texas Instruments DP83867CS Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 114 page
background image
4-Layer
6-Layer
8-Layer
xxx
xxx
xxx
Ground
High-speed signal
VDD supply
Legend
xx
xx
xxx
xxx
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
Return path (continued)
Figure 29. Differential Signal Pair-Plane Crossing
12.3 Transformer Layout
There should be no metal layer running beneath the transformer. Transformers can inject noise in metal beneath
them which can affect the performance of the system.
12.4 Metal Pour
All metal pours which are not signals or power should be tied to ground. There should be no floating metal on the
system. There should be no metal between the differential traces.
12.5 PCB Layer Stacking
To meet signal integrity and performance requirements, at minimum a four-layer PCB should be used. However
a 6 layer board is recommended. See Figure 30 for the recommended layer stack ups for 4, 6 and 8-layer
boards. These are recommendations not requirements, other configurations can be used as per system
requirements.
Figure 30. Recommended Layer Stack Up
Within a PCB, it may be desirable to run traces using different methods, microstrip vs. stripline, depending on the
location of the signal on the PCB. For example, it may be desirable to change layer stacking where an isolated
chassis ground plane is used. Figure 31 illustrates alternative PCB stacking options.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More