công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CS bảng dữ liệu(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DP83867CS
Giải thích chi tiết về linh kiện  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 34Page - Texas Instruments DP83867CS Datasheet HTML 35Page - Texas Instruments DP83867CS Datasheet HTML 36Page - Texas Instruments DP83867CS Datasheet HTML 37Page - Texas Instruments DP83867CS Datasheet HTML 38Page - Texas Instruments DP83867CS Datasheet HTML 39Page - Texas Instruments DP83867CS Datasheet HTML 40Page - Texas Instruments DP83867CS Datasheet HTML 41Page - Texas Instruments DP83867CS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
Table 7. 4-Level Strap Pins (continued)
PIN NAME
48 QFN PIN #
DEFAULT
STRAP FUNCTION
RGMII Clock Skew
LED_1
46
[00]
MODE
SPEED_SEL
TX[2]
1
0
0
2
0
1
3
1
0
4
1
1
LED_0
47
[00]
MODE
Mirror Enable
SGMII Enable
1
0
0
2
0
1
3
1
0
4
1
1
NOTE
Note: RX_D1 is not a strap input, but this pin must be populated with the same strap
resistors chosen for RX_D0. RX_D0 and RX_D1 form an SGMII differential pair. The
dummy straps on RX_D1 are required to provide a balanced load for this SGMII
differential pair.
NOTE
Note: RX_D3 is not a strap input, but this pin must be populated with the same strap
resistors chosen for RX_D2. RX_D2 and RX_D3 form an SGMII differential pair. The
dummy straps on RX_D3 are required to provide a balanced load for this SGMII
differential pair.
Table 8. Speed Select Strap Details
MODE
SPEED_SEL
REMARKS
10/100/1000
0
advertise ability of 10/100/1000
100/1000
1
advertise ability of 100/1000 only
Table 9. RGMII Transmit Clock Skew Details
RGMII CLOCK SKEW
RGMII CLOCK SKEW
RGMII CLOCK SKEW
MODE
RGMII TX CLOCK SKEW
TX[2]
TX[1]
TX[0]
1
0
0
0
2.0 ns
2
0
0
1
1.5 ns
3
0
1
0
1.0 ns
4
0
1
1
0.5 ns
5
1
0
0
4.0 ns
6
1
0
1
3.5 ns
7
1
1
0
3.0 ns
8
1
1
1
2.5 ns
38
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com