| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83867CS bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83867CS bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 114 page ![]() T1 T2 32 CLOCKS T3 OUTPUT INPUT VDD X1 clock Hardware RESET_N MDC Latch-In of Hardware Configuration Pins Dual Function Pins Become Enabled As Outputs DP83867CS, DP83867IS, DP83867E SNLS504 – OCTOBER 2015 www.ti.com 8.6 Powerup Timing (1) PARAMETER TEST CONDITIONS MIN NOM MAX UNIT T1 Post Power Up Stabilization time MDIO is pulled high for 32-bit prior to MDC preamble for 200 ms serial management initialization. register accesses T2 Hardware Configuration Latch-in Hardware Configuration Pins are 200 ms Time from power up described in Strap Configuration. T3 Hardware Configuration pins 64 ns transition to output drivers (1) Ensured by production test, characterization, or design. Figure 1. Powerup Timing 10 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated |