công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CS bảng dữ liệu(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DP83867CS
Giải thích chi tiết về linh kiện  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS bảng dữ liệu(HTML) 68 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 64Page - Texas Instruments DP83867CS Datasheet HTML 65Page - Texas Instruments DP83867CS Datasheet HTML 66Page - Texas Instruments DP83867CS Datasheet HTML 67Page - Texas Instruments DP83867CS Datasheet HTML 68Page - Texas Instruments DP83867CS Datasheet HTML 69Page - Texas Instruments DP83867CS Datasheet HTML 70Page - Texas Instruments DP83867CS Datasheet HTML 71Page - Texas Instruments DP83867CS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.6.20 BIST Control Register (BISCR)
This register is used for Build-In Self Test (BIST) configuration. The BIST functionality provides Pseudo Random
Bit Stream (PRBS) mechanism including packet generation generator and checker. Selection of the exact
loopback point in the signal chain is also done in this register.
Table 31. BIST Control Register (BISCR), Address 0x0016
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
PRBS_COUNT_MODE
0, RW
PRBS Continuous Mode:
1 = Continuous mode enabled. When one of the PRBS counters
reaches the maximum value, a pulse is generated and the counter
starts counting from zero again. This bit must be set for proper
PRBS operation.
0 = PRBS continuous mode disabled. PRBS operation is not
supported for this setting.
14
GEN_PRBS_PACKET
0, RW
Generated PRBS Packets:
1 = When the packet generator is enabled, it will generate
continuous packets with PRBS data. When the packet generator is
disabled, the PRBS checker is still enabled.
0 = When the packet generator is enabled, it will generate a single
packet with constant data. PRBS generation and checking is
disabled.
13
PACKET_GEN_64BIT_MODE
0, RW
BIST Packet Size:
1 = Transmit 64 byte packets in packet generation mode.
0 = Transmit 1518 byte packets in packet generation mode
12
PACKET_GEN_EN
0, RW
Packet BIST Enable:
1 = Enable packet/PRBS generator
0 = Disable packet/PRBS generator
11:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7
REV_LOOP_RX_DATA_CTRL
0, RW
Reverse Loopback Receive Data Control:
This bit may only be set in reverse loopback mode.
1 = Send RX packets to MAC in reverse loop
0 = Suppress RX packets to MAC in reverse loop
6
MII_LOOP_TX_DATA_CTRL
0, RW
MII Loopback Transmit Data Control:
This bit may only be set in MII loopback mode.
1 = Transmit data to MDI in MII loop
0 = Suppress data to MDI in MII loop
5:2
LOOPBACK_MODE
0, RW
Loopback Mode Select:
PCS Loopback must be disabled (Bits [1:0] =00) prior to selecting
the loopback mode.
1000: Reverse loop
0100: External loop
0010: Analog loop
0001: Digital loop
68
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com